Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC3503KRC50 Datasheet (PDF) - Fairchild Semiconductor

TMC3503KRC50 Datasheet PDF - Fairchild Semiconductor
Part # TMC3503KRC50
Download  TMC3503KRC50 Download

File Size   69.63 Kbytes
Page   14 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Triple Video D/A Converter 8 bit, 80 Msps, 5V

TMC3503KRC50 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMC3503KRC50 Datasheet PDF - Fairchild Semiconductor

Part # TMC3503KRC50
Download  TMC3503KRC50 Click to download

File Size   69.63 Kbytes
Page   14 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Triple Video D/A Converter 8 bit, 80 Msps, 5V

TMC3503KRC50 Datasheet (HTML) - Fairchild Semiconductor

Back Button TMC3503KRC50 Datasheet HTML 1Page - Fairchild Semiconductor TMC3503KRC50 Datasheet HTML 2Page - Fairchild Semiconductor TMC3503KRC50 Datasheet HTML 3Page - Fairchild Semiconductor TMC3503KRC50 Datasheet HTML 4Page - Fairchild Semiconductor TMC3503KRC50 Datasheet HTML 5Page - Fairchild Semiconductor TMC3503KRC50 Datasheet HTML 6Page - Fairchild Semiconductor TMC3503KRC50 Datasheet HTML 7Page - Fairchild Semiconductor TMC3503KRC50 Datasheet HTML 8Page - Fairchild Semiconductor TMC3503KRC50 Datasheet HTML 9Page - Fairchild Semiconductor TMC3503KRC50 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

TMC3503KRC50 Product details

Description The TMC3503 is a high-speed triple 8-bit D/A converter  especially suited for video and graphics applications.  It offers 8-bit resolution, TTL-compatible inputs, low power  consumption, a power-down sleep mode, and requires only a  single +5 Volt power supply.

Features
• 8-bit resolution
• 80, 50, and 30 megapixels per second
• ±0.5 LSB linearity error
• Sync, blank, and white controls
• Independent sync current output
• 1.0V p-p video into 37.5Ω or 75Ω load
• Enhancemenet of ADV7120
    –  Internal bandgap voltage reference
    –  Double-buffered data for low distortion
    –  Power-down sleep mode
• Double-buffered data for low distortion
• TTL-compatible inputs
• Low glitch energy
• Single +5 Volt power supply

Applications
• Video signal conversion
    –  RGB
    –  YCBCR
    –  Composite, Y, C
• Multimedia systems
• Image processing
• True-color graphics systems
• Broadcast television equipment
• High-Definition Television (HDTV) equipment
• Direct digital synthesis




Similar Part No. - TMC3503KRC50

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
TMC3503KRC50 CADEKA-TMC3503KRC50 Datasheet
171Kb / 14P
   Triple Video D/A Converter 8 bit, 80 Msps, 5V
More results


Similar Description - TMC3503KRC50

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
TMC3503 CADEKA-TMC3503 Datasheet
171Kb / 14P
   Triple Video D/A Converter 8 bit, 80 Msps, 5V
logo
Texas Instruments
THS8134 TI1-THS8134_14 Datasheet
408Kb / 26P
[Old version datasheet]   TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
logo
Fairchild Semiconductor
TMC3533 FAIRCHILD-TMC3533 Datasheet
68Kb / 12P
   Triple Video D/A Converter 8 bit, 80 Msps, 3.3V
logo
Cadeka Microcircuits LL...
TMC3003 CADEKA-TMC3003 Datasheet
200Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
TMC3033 CADEKA-TMC3033 Datasheet
216Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Fairchild Semiconductor
TMC3033 FAIRCHILD-TMC3033 Datasheet
119Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Texas Instruments
THS8134 TI-THS8134 Datasheet
346Kb / 24P
[Old version datasheet]   TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
logo
Intersil Corporation
HI1179 INTERSIL-HI1179 Datasheet
117Kb / 14P
   8-Bit, 35 MSPS, Video A/D Converter
August 1997
logo
Cadeka Microcircuits LL...
TMC1175A CADEKA-TMC1175A Datasheet
467Kb / 18P
   Video A/D Converter 8 bit, 40 Msps
logo
Renesas Technology Corp
HI1179 RENESAS-HI1179 Datasheet
721Kb / 15P
   8-Bit, 35 MSPS, Video A/D Converter
October 25, 2005
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com