Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4117-GR Datasheet (PDF) - Toshiba Semiconductor

2SC4117-GR Datasheet PDF - Toshiba Semiconductor
Part # 2SC4117-GR
Download  2SC4117-GR Download

File Size   327.66 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Audio Frequency General Purpose Amplifier Applications

2SC4117-GR Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4117-GR Datasheet PDF - Toshiba Semiconductor

Part # 2SC4117-GR
Download  2SC4117-GR Click to download

File Size   327.66 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Audio Frequency General Purpose Amplifier Applications

2SC4117-GR Datasheet (HTML) - Toshiba Semiconductor

2SC4117-GR Datasheet HTML 1Page - Toshiba Semiconductor 2SC4117-GR Datasheet HTML 2Page - Toshiba Semiconductor 2SC4117-GR Datasheet HTML 3Page - Toshiba Semiconductor 2SC4117-GR Datasheet HTML 4Page - Toshiba Semiconductor

2SC4117-GR Product details

Audio Frequency General Purpose Amplifier Applications

• High voltage: VCEO = 120 V
• Excellent hFE linearity: hFE (IC = 0.1 mA)/hFE (IC = 2 mA) = 0.95 (typ.)
• High hFE: hFE = 200 to 700
• Low noise: NF = 1dB (typ.), 10dB (max)
• Complementary to 2SA1587
• Small package



Similar Part No. - 2SC4117-GR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4117 TOSHIBA-2SC4117 Datasheet
205Kb / 4P
   NPN EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
logo
Guangdong Kexin Industr...
2SC4117 KEXIN-2SC4117 Datasheet
45Kb / 1P
   Silicon NPN Epitaxial
More results


Similar Description - 2SC4117-GR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1832FT TOSHIBA-2SA1832FT Datasheet
127Kb / 3P
   Audio frequency General Purpose Amplifier Applications
2SC2713-BL TOSHIBA-2SC2713-BL Datasheet
278Kb / 4P
   Audio Frequency General Purpose Amplifier Applications
2SC1815-GRF TOSHIBA-2SC1815-GRF Datasheet
279Kb / 4P
   Audio Frequency General Purpose Amplifier Applications
HN1A01FU-Y TOSHIBA-HN1A01FU-Y Datasheet
235Kb / 4P
   Audio-Frequency General-Purpose Amplifier Applications
HN1C01FU-Y TOSHIBA-HN1C01FU-Y Datasheet
243Kb / 4P
   Audio-Frequency General-Purpose Amplifier Applications
2SA1586-GR TOSHIBA-2SA1586-GR Datasheet
207Kb / 3P
   Audio Frequency General Purpose Amplifier Applications
2SC4738-GR TOSHIBA-2SC4738-GR Datasheet
211Kb / 3P
   Audio Frequency General Purpose Amplifier Applications
2SC2713-GR TOSHIBA-2SC2713-GR Datasheet
278Kb / 4P
   Audio Frequency General Purpose Amplifier Applications
HN4B06J TOSHIBA-HN4B06J Datasheet
500Kb / 8P
   Audio Frequency General Purpose Amplifier Applications
HN4C06J TOSHIBA-HN4C06J Datasheet
299Kb / 4P
   Audio Frequency General Purpose Amplifier Applications
HN2A01FU TOSHIBA-HN2A01FU_07 Datasheet
237Kb / 3P
   Audio Frequency General Purpose Amplifier Applications
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com