Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APA2174 Datasheet (PDF) - Anpec Electronics Coropration

APA2174 Datasheet PDF - Anpec Electronics Coropration
Part # APA2174
Download  APA2174 Download

File Size   417.35 Kbytes
Page   21 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Stereo Cap-Free Line Driver

APA2174 Datasheet (PDF)

Go To PDF Page Download Datasheet
APA2174 Datasheet PDF - Anpec Electronics Coropration

Part # APA2174
Download  APA2174 Click to download

File Size   417.35 Kbytes
Page   21 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Stereo Cap-Free Line Driver

APA2174 Datasheet (HTML) - Anpec Electronics Coropration

Back Button APA2174 Datasheet HTML 1Page - Anpec Electronics Coropration APA2174 Datasheet HTML 2Page - Anpec Electronics Coropration APA2174 Datasheet HTML 3Page - Anpec Electronics Coropration APA2174 Datasheet HTML 4Page - Anpec Electronics Coropration APA2174 Datasheet HTML 5Page - Anpec Electronics Coropration APA2174 Datasheet HTML 6Page - Anpec Electronics Coropration APA2174 Datasheet HTML 7Page - Anpec Electronics Coropration APA2174 Datasheet HTML 8Page - Anpec Electronics Coropration APA2174 Datasheet HTML 9Page - Anpec Electronics Coropration APA2174 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button 

APA2174 Product details

General Description
The APA2174 is a stereo, single supply and cap-free line driver, which is available in TQFN4x4-20B, TSSOP-16, and SOP-14 packages.
The APA2174 is a ground-reference output and doesn’t need the output capacitors for DC blocking. The advantages of eliminating the output capacitor are saving the cost, eliminating component height, and improving the low frequency response.

Features
• Operating Voltage: 2.3V-4.5V
• Supply Current
    - IDD=5mA at VDD=3.3V
• Low Shutdown Current
    - IDD=1mA at VDD=3.3V
• Ground Reference Output
    - No Output Capacitor Required (for DC Blocking)
    - Save the PCB Space
    - Reduce the BOM Costs
    - Improve the Low Frequency Response
• Output Voltage Swing Can Reach 2Vrms/Ch into 600W at VDD=3.3V
• High PSRR: 90dB at 217Hz
• Fast Start-Up Time: 500ms
• Integrate the De-pop Circuitry
• Separate Shutdown Function for Flexible Application
• Thermal Protection
• Surface-Mount Packaging
    - TQFN4x4-20B (with Enhanced Thermal Pad)
    - TSSOP-16
    - SOP-14
• Lead Free and Green Devices Available (RoHS Compliant)

Applications
• Set-Top Boxes
• CD / DVD Players
• LCD TVs
• HTIBs (Home Theater in Box)




Similar Part No. - APA2174

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2171 ANPEC-APA2171 Datasheet
376Kb / 21P
   Stereo, Differential Input Cap-Free Line Driver
APA2171KI-TRG ANPEC-APA2171KI-TRG Datasheet
376Kb / 21P
   Stereo, Differential Input Cap-Free Line Driver
APA2171OI-TRG ANPEC-APA2171OI-TRG Datasheet
376Kb / 21P
   Stereo, Differential Input Cap-Free Line Driver
APA2172 ANPEC-APA2172 Datasheet
417Kb / 22P
   Stereo, Differential Input Cap-Free Line Driver
APA2172KI-TRG ANPEC-APA2172KI-TRG Datasheet
417Kb / 22P
   Stereo, Differential Input Cap-Free Line Driver
More results


Similar Description - APA2174

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2175 ANPEC-APA2175 Datasheet
367Kb / 19P
   Stereo Cap-Free Line Driver
APA2171 ANPEC-APA2171 Datasheet
376Kb / 21P
   Stereo, Differential Input Cap-Free Line Driver
logo
TECHCODE SEMICONDUCTOR,...
TD9722 TECHCODE-TD9722 Datasheet
1Mb / 21P
   Stereo, Differential Input Cap-Free Line Driver
logo
Anpec Electronics Corop...
APA2172 ANPEC-APA2172 Datasheet
417Kb / 22P
   Stereo, Differential Input Cap-Free Line Driver
logo
TECHCODE SEMICONDUCTOR,...
TD9721 TECHCODE-TD9721 Datasheet
1Mb / 19P
   Stereo, Differential Input Cap-Free Line Driver
logo
Anpec Electronics Corop...
APA2177 ANPEC-APA2177 Datasheet
417Kb / 20P
   25mW Stereo Cap-Free Headphone Driver
APA2178 ANPEC-APA2178 Datasheet
612Kb / 30P
   100mW Stereo Cap-Free Headphone Driver
APA2176 ANPEC-APA2176 Datasheet
572Kb / 28P
   270mW Stereo Cap-Free Headphone Driver
APA2177 ANPEC-APA2177_17 Datasheet
355Kb / 22P
   25mW Stereo Cap-Free Headphone Driver
APA2180 ANPEC-APA2180 Datasheet
593Kb / 22P
   Low Supply Current, 50mW Stereo Cap-Free Headphone Driver
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com