Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC2458-Y Datasheet (PDF) - Toshiba Semiconductor

2SC2458-Y Datasheet PDF - Toshiba Semiconductor
Part # 2SC2458-Y
Download  2SC2458-Y Download

File Size   336.49 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Audio Amplifier Applications

2SC2458-Y Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC2458-Y Datasheet PDF - Toshiba Semiconductor

Part # 2SC2458-Y
Download  2SC2458-Y Click to download

File Size   336.49 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Audio Amplifier Applications

2SC2458-Y Datasheet (HTML) - Toshiba Semiconductor

2SC2458-Y Datasheet HTML 1Page - Toshiba Semiconductor 2SC2458-Y Datasheet HTML 2Page - Toshiba Semiconductor 2SC2458-Y Datasheet HTML 3Page - Toshiba Semiconductor 2SC2458-Y Datasheet HTML 4Page - Toshiba Semiconductor

2SC2458-Y Product details

Audio Amplifier Applications





High current capability: IC= 150 mA (max)

High DC current gain: hFE= 70~700

Excellent hFElinearity: hFE(IC= 0.1 mA)/hFE(IC= 2 mA) = 0.95 (typ.)

Low noise: NF (2) = 1dB (typ.), 10dB (max)

Complementary to 2SA1048.

Small package.



Similar Part No. - 2SC2458-Y

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SC2458-Y MCC-2SC2458-Y Datasheet
605Kb / 3P
   NPN Plastic-Encapsulate Transistors
More results


Similar Description - 2SC2458-Y

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2458 TOSHIBA-2SC2458 Datasheet
179Kb / 4P
   Audio Amplifier Applications Low Noise Audio Amplifier Applications
2SC2458L-GR TOSHIBA-2SC2458L-GR Datasheet
312Kb / 4P
   Audio Amplifier Applications
2SC2459 TOSHIBA-2SC2459_03 Datasheet
132Kb / 3P
   Audio Amplifier Applications
2SC2458-GR TOSHIBA-2SC2458-GR Datasheet
312Kb / 4P
   Audio Amplifier Applications
2SC2458 TOSHIBA-2SC2458_03 Datasheet
182Kb / 4P
   Audio Amplifier Applications
2SC2458Y TOSHIBA-2SC2458Y Datasheet
336Kb / 4P
   Audio Amplifier Applications
HN3C67FE TOSHIBA-HN3C67FE Datasheet
202Kb / 3P
   Audio Frequency Amplifier Applications AM Amplifier Applications
logo
Guangdong Kexin Industr...
2SA1203 KEXIN-2SA1203 Datasheet
362Kb / 2P
   Audio Frequency Amplifier Applications
2SC2883 KEXIN-2SC2883 Datasheet
356Kb / 2P
   Audio Frequency Amplifier Applications
logo
Toshiba Semiconductor
2SC2710 TOSHIBA-2SC2710_03 Datasheet
116Kb / 3P
   For Audio Amplifier Applications
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com