Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRV05-4 Datasheet (PDF) - Shanghai Semitech Semiconductor Co., Ltd

SRV05-4 Datasheet PDF - Shanghai Semitech Semiconductor Co., Ltd
Part # SRV05-4
Download  SRV05-4 Download

File Size   210.16 Kbytes
Page   4 Pages
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd
Description Low Capacitance TVS Diode Array

SRV05-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
SRV05-4 Datasheet PDF - Shanghai Semitech Semiconductor Co., Ltd

Part # SRV05-4
Download  SRV05-4 Click to download

File Size   210.16 Kbytes
Page   4 Pages
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd
Description Low Capacitance TVS Diode Array

SRV05-4 Datasheet (HTML) - Shanghai Semitech Semiconductor Co., Ltd

SRV05-4 Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd SRV05-4 Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd SRV05-4 Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd SRV05-4 Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd

SRV05-4 Product details

FEATURES
● ESD protection for high-speed data lines to
   IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
   IEC 61000-4-4 (EFT) 40A (5/50ns)
   IEC 61000-4-5 (Lightning) 12A (8/20μs)
● Array of surge rated diodes with internal TVS Diode
● Small package saves board space
● Protects four I/O lines
● Low capacitance: 3pF typical
● Low clamping voltage
● Low operating voltage: 5.0V
● Solid-state silicon-avalanche technology

APPLICATIONS
● USB 2.0 Power and Data Line Protection
● Video Graphics Cards
● Monitors and Flat Panel Displays
● Digital Video Interface (DVI)
● 10/100/1000 Ethernet
● Notebook Computers
● SIM Ports
● ATM Interfaces
● IEEE 1394 Firewire Ports




Similar Part No. - SRV05-4

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SRV05-4 SEMTECH-SRV05-4 Datasheet
289Kb / 12P
   Low Capacitance TVS Diode Array
logo
Shanghai Shunye Electro...
SRV05-4 SHUNYE-SRV05-4 Datasheet
1Mb / 3P
   Low Capacitance TVS Diode Array
logo
Protek Devices
SRV05-4 PROTEC-SRV05-4 Datasheet
102Kb / 4P
   STEERING DIODE / TVS ARRAY COMBO
logo
Applied Power Microelec...
SRV05-4 APMICRO-SRV05-4 Datasheet
620Kb / 8P
   4-Line Low Capacitance TVS Diode Array
logo
Protek Devices
SRV05-4 PROTEC-SRV05-4 Datasheet
79Kb / 4P
   STEERING DIODE/ TVS ARRAY COMBO
More results


Similar Description - SRV05-4

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XBP1001 TOREX-XBP1001 Datasheet
183Kb / 5P
   Low Capacitance TVS Diode Array
XBP1004 TOREX-XBP1004 Datasheet
169Kb / 5P
   Low Capacitance TVS Diode Array
logo
Yea Shin Technology Co....
YSULC0502T3 YEASHIN-YSULC0502T3 Datasheet
768Kb / 3P
   Low Capacitance TVS Diode Array
logo
Shanghai Leiditech Elec...
LC05CD LEIDITECH-LC05CD Datasheet
145Kb / 3P
   Low Capacitance TVS Diode Array
logo
Torex Semiconductor
XBP14E5UFN-G TOREX-XBP14E5UFN-G Datasheet
187Kb / 6P
   Low Capacitance TVS Diode Array
logo
Yea Shin Technology Co....
YSBLCXXC YEASHIN-YSBLCXXC Datasheet
1Mb / 10P
   LOW CAPACITANCE TVS DIODE ARRAY
YSBLC03C YEASHIN-YSBLC03C Datasheet
1Mb / 4P
   LOW CAPACITANCE TVS DIODE ARRAY
YSBLC08C YEASHIN-YSBLC08C Datasheet
1Mb / 4P
   LOW CAPACITANCE TVS DIODE ARRAY
logo
E-CMOS Corporation
ECGLBXXCG E-CMOS-ECGLBXXCG Datasheet
242Kb / 3P
   Low Capacitance TVS Diode Array
logo
Semtech Corporation
SRV08-4 SEMTECH-SRV08-4 Datasheet
503Kb / 7P
   Low Capacitance TVS Diode Array
SRDA3.3-4 SEMTECH-SRDA3.3-4_03 Datasheet
259Kb / 10P
   Low Capacitance TVS Diode Array
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com