Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4544AVQ Datasheet (PDF) - Asahi Kasei Microsystems

AK4544AVQ Datasheet PDF - Asahi Kasei Microsystems
Part # AK4544AVQ
Download  AK4544AVQ Download

File Size   381.43 Kbytes
Page   35 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description AC97 MULTIMEDIA AUDIO CODEC WITH SRC

AK4544AVQ Datasheet (PDF)

Go To PDF Page Download Datasheet
AK4544AVQ Datasheet PDF - Asahi Kasei Microsystems

Part # AK4544AVQ
Download  AK4544AVQ Click to download

File Size   381.43 Kbytes
Page   35 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description AC97 MULTIMEDIA AUDIO CODEC WITH SRC

AK4544AVQ Datasheet (HTML) - Asahi Kasei Microsystems

Back Button AK4544AVQ Datasheet HTML 1Page - Asahi Kasei Microsystems AK4544AVQ Datasheet HTML 2Page - Asahi Kasei Microsystems AK4544AVQ Datasheet HTML 3Page - Asahi Kasei Microsystems AK4544AVQ Datasheet HTML 4Page - Asahi Kasei Microsystems AK4544AVQ Datasheet HTML 5Page - Asahi Kasei Microsystems AK4544AVQ Datasheet HTML 6Page - Asahi Kasei Microsystems AK4544AVQ Datasheet HTML 7Page - Asahi Kasei Microsystems AK4544AVQ Datasheet HTML 8Page - Asahi Kasei Microsystems AK4544AVQ Datasheet HTML 9Page - Asahi Kasei Microsystems AK4544AVQ Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button 

AK4544AVQ Product details

General Description
The AK4544A is a 18bit high performance codec which support variable sampling rate conversion compliant with Audio Codec ’ 97 Rev 2.1 requirements.

Features
• AC’ 97 Rev. 2.1 Compliant
• 18bit Resolution A/D and D/A
• Exceeds PC99 Performance Requirements:
    AK4544A (@fs=48k)
    A/D………………90dBA
    D/A………………89dBA
    A-A………………95dBA
• Analog Inputs:
    4 Stereo Inputs: LINE, CD, VIDEO, AUX
    Speakerphone and PC BEEP Inputs
    2 Independent MIC Inputs
• Variable Sampling Rate Support
    48k, 44.1k, 32k, 22.05k, 16k, 11.025k, 8k
• Analog Output:
    Stereo LINE Output with volume control
    True Line Level with volume control
    Mono Output with volume control
• 3D Stereo Enhancement
• POP Function & DAC Feed Back Control
• Multiple codec Capability
    The AK4544A can work as a Primary or Secondary
    codec depended on codec ID configuration.
• EAPD(External Amplifier Powerdown) Support
• Power Supplies: Analog 5.0V, Digital 5.0V or 3.3V
• Low Power Consumption
    230mW(Analog:5V/Digital:3.3V) at full operation
• 48 Pin LQFP Package




Similar Part No. - AK4544AVQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4541 AKM-AK4541 Datasheet
383Kb / 31P
   AC??7 Rev 2.1 Multimedia Audio CODEC
AK4541VQ AKM-AK4541VQ Datasheet
383Kb / 31P
   AC??7 Rev 2.1 Multimedia Audio CODEC
AK4543 AKM-AK4543 Datasheet
385Kb / 31P
   AC??7 Rev 2.1 Multimedia Audio CODEC
AK4543VQ AKM-AK4543VQ Datasheet
385Kb / 31P
   AC??7 Rev 2.1 Multimedia Audio CODEC
AK4545 AKM-AK4545 Datasheet
363Kb / 33P
   AC97 AUDIO CODEC WITH SRC AND DIT
More results


Similar Description - AK4544AVQ

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YMF752 YAMAHA-YMF752 Datasheet
105Kb / 14P
   AC97 Rev2.1 Audio CODEC with SRC
logo
Hynix Semiconductor
STAC9704 HYNIX-STAC9704 Datasheet
218Kb / 49P
   Multimedia Audio Codec for AC97
logo
Wolfson Microelectronic...
WM9701A WOLFSON-WM9701A Datasheet
192Kb / 24P
   Low Power AC97 Multimedia Audio Codec
logo
Asahi Kasei Microsystem...
AK4545 AKM-AK4545 Datasheet
363Kb / 33P
   AC97 AUDIO CODEC WITH SRC AND DIT
logo
Winbond
W83971D WINBOND-W83971D Datasheet
494Kb / 58P
   AC97 AUDIO CODEC
logo
Wolfson Microelectronic...
WM9705 WOLFSON-WM9705 Datasheet
496Kb / 55P
   Multimedia AC97 CODEC with Integrated Touch Screen Controller
WM9712L WOLFSON-WM9712L Datasheet
725Kb / 77P
   AC97 Audio and Touchpanel CODEC
WM9708 WOLFSON-WM9708 Datasheet
205Kb / 28P
   AC97 Revision 2.1 Audio Codec
WM9703 WOLFSON-WM9703 Datasheet
239Kb / 30P
   AC97 Revision 2.1 Audio Codec
logo
YAMAHA CORPORATION
YMF753 YAMAHA-YMF753 Datasheet
185Kb / 26P
   AC97 Revision2.2 Audio CODEC with Digital Audio I/F
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com