Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4516A Datasheet (PDF) - Asahi Kasei Microsystems

AK4516A Datasheet PDF - Asahi Kasei Microsystems
Part # AK4516A
Download  AK4516A Download

File Size   951.65 Kbytes
Page   18 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description EVALUATION BOARD REV.A FOR AK4516A

AK4516A Datasheet (PDF)

Go To PDF Page Download Datasheet
AK4516A Datasheet PDF - Asahi Kasei Microsystems

Part # AK4516A
Download  AK4516A Click to download

File Size   951.65 Kbytes
Page   18 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description EVALUATION BOARD REV.A FOR AK4516A

AK4516A Datasheet (HTML) - Asahi Kasei Microsystems

Back Button AK4516A Datasheet HTML 1Page - Asahi Kasei Microsystems AK4516A Datasheet HTML 2Page - Asahi Kasei Microsystems AK4516A Datasheet HTML 3Page - Asahi Kasei Microsystems AK4516A Datasheet HTML 4Page - Asahi Kasei Microsystems AK4516A Datasheet HTML 5Page - Asahi Kasei Microsystems AK4516A Datasheet HTML 6Page - Asahi Kasei Microsystems AK4516A Datasheet HTML 7Page - Asahi Kasei Microsystems AK4516A Datasheet HTML 8Page - Asahi Kasei Microsystems AK4516A Datasheet HTML 9Page - Asahi Kasei Microsystems AK4516A Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button 

AK4516A Product details

FEATURE
1 . Resolution: 16 bits
2 . Recording Function
    • Analog Input PGA (Programmable Gain Amp)
    • Peak-Meter Output
    • Overflow Flag Output
    • Auto Limitter Circuit
    • Auto Recovery Circuit
    • HPF(fc=3.4Hz) for offset cancel
3 . Playback Function
    • Digital De-emphasis Filter(tc=50/15us, fs=32kHz, 44.1kHz, 48kHz)
4 . Analog-Through Mode
5 . Power Management
6 . ADC Input (Including the PGA)
    • Single-ended Input
    • Input Level: 1.7Vpp (=0.57×VA, VA=3V)
    • THD+N: -85dB
    • DR,S/N: 90dB
7 . DAC Output
    • Single-ended Output
    • Output Level: 1.8Vpp (=0.6×VA, VA=3V, RL≥10kΩ)
    • Frequency Response: ±0.5dB(∼20kHz)
    • THD+N: -86dB
    • DR,S/N: 90dB
8 . Master Clock: 256fs/384fs
9 . Audio Data Format
    • ADC: 16bit, MSB first, MSB justified, IIS, LSB justified(only BICK=64fs correspondent)
    • DAC: 16bit, MSB first, MSB justified, IIS, MSB justified
10 . Ta: -20∼85°C
11 . Power Supply: 2.5∼3.6V
12 . Power Dissipation: 18mA
13 . 24pinVSOP (0.65mm Pitch)




Similar Part No. - AK4516A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4516A AKM-AK4516A Datasheet
355Kb / 39P
   3V 16BIT ADC&DAC WITH BUILT-IN PGA
AK4516AVF AKM-AK4516AVF Datasheet
355Kb / 39P
   3V 16BIT ADC&DAC WITH BUILT-IN PGA
More results


Similar Description - AK4516A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4523 AKM-AKD4523 Datasheet
1Mb / 30P
   EVALUATION BOARD REV.A FOR AK4523
AKD5393 AKM-AKD5393 Datasheet
602Kb / 22P
   EVALUATION BOARD REV.A FOR AK5393
AKD4309B AKM-AKD4309B Datasheet
1Mb / 15P
   EVALUATION BOARD REV.A FOR AK4309B
AKD4363 AKM-AKD4363 Datasheet
340Kb / 30P
   EVALUATION BOARD REV.A FOR AK4363
AKD4569 AKM-AKD4569 Datasheet
311Kb / 27P
   Evaluation board Rev.A for AK4569
AKD4584 AKM-AKD4584 Datasheet
366Kb / 41P
   Evaluation board Rev.A for AK4584
AKD5365 AKM-AKD5365 Datasheet
270Kb / 27P
   Evaluation board Rev.A for AK5365
AKD4380 AKM-AKD4380 Datasheet
220Kb / 21P
   EVALUATION BOARD REV.A FOR AK4380
AKD4524 AKM-AKD4524 Datasheet
746Kb / 28P
   EVALUATION BOARD REV.A FOR AK4524
AKD4353 AKM-AKD4353 Datasheet
260Kb / 25P
   EVALUATION BOARD REV.A FOR AK4353
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com