Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALD2303PA Datasheet (PDF) - Advanced Linear Devices

ALD2303PA Datasheet PDF - Advanced Linear Devices
Part # ALD2303PA
Download  ALD2303PA Download

File Size   65.76 Kbytes
Page   6 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER

ALD2303PA Datasheet (PDF)

Go To PDF Page Download Datasheet
ALD2303PA Datasheet PDF - Advanced Linear Devices

Part # ALD2303PA
Download  ALD2303PA Click to download

File Size   65.76 Kbytes
Page   6 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER

ALD2303PA Datasheet (HTML) - Advanced Linear Devices

ALD2303PA Datasheet HTML 1Page - Advanced Linear Devices ALD2303PA Datasheet HTML 2Page - Advanced Linear Devices ALD2303PA Datasheet HTML 3Page - Advanced Linear Devices ALD2303PA Datasheet HTML 4Page - Advanced Linear Devices ALD2303PA Datasheet HTML 5Page - Advanced Linear Devices ALD2303PA Datasheet HTML 6Page - Advanced Linear Devices

ALD2303PA Product details

GENERAL DESCRIPTION
The ALD2303A/ALD2303 is a precision monolithic high performance dual voltage comparator built with advanced silicon gate CMOS technology. It features very high typical input impedance of 1012Ω; low input bias current of 10pA; very low power dissipation of 7.5µA per comparator; and single (+5V) or dual (±5V) power supply operation.

FEATURES
• 3V, 5V, and 10V supply
• Guaranteed to drive 200Ω loads
• Fanout of 30LS TTL loads
• Guaranteed maximum supply current of 20µA for each comparator
• Pinout of LM193 type industry standard comparators
• Extremely low input bias currents -- typically 10pA
• Virtually eliminates source impedance effects
• Single (+5V) and dual supply (±5V) operation
• CMOS, NMOS and TTL compatible
• Open drain wired-OR outputs
• High output sinking current -- typically 60mA
• Low supply current spikes
• High gain -- 100V/mV

APPLICATIONS
• Sensor detection circuits
• PCMCIA instruments
• MOSFET driver
• High source impedance voltage comparison circuits
• Multiple limit window comparator
• Power supply voltage monitor
• Photodetector sensor circuit
• High speed LED driver
• Oscillators
• Battery operated instruments
• Remote signal detection
• Multiple relay drivers




Similar Part No. - ALD2303PA

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2303PA ALD-ALD2303PA Datasheet
68Kb / 6P
   DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD2303PAL ALD-ALD2303PAL Datasheet
68Kb / 6P
   DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
More results


Similar Description - ALD2303PA

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2303 ALD-ALD2303_10 Datasheet
82Kb / 9P
   DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD2303A ALD-ALD2303A_07 Datasheet
68Kb / 6P
   DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD4303 ALD-ALD4303 Datasheet
59Kb / 6P
   QUAD PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD4303 ALD-ALD4303_10 Datasheet
86Kb / 9P
   QUAD PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
logo
Unisonic Technologies
ULC393 UTC-ULC393 Datasheet
165Kb / 7P
   DUAL MICROPOWER CMOS VOLTAGE COMPARATOR
logo
ON Semiconductor
NCV2393 ONSEMI-NCV2393_17 Datasheet
362Kb / 8P
   Micropower Dual CMOS Voltage Comparator
June, 2017 ??Rev. 5
logo
Advanced Linear Devices
ALD2302A ALD-ALD2302A_07 Datasheet
59Kb / 6P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD2332 ALD-ALD2332 Datasheet
90Kb / 11P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD2302A ALD-ALD2302A Datasheet
56Kb / 6P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD2301 ALD-ALD2301_10 Datasheet
64Kb / 7P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH OPEN DRAIN DRIVER
More results




About Advanced Linear Devices


Advanced Linear Devices (ALD) is a semiconductor company that specializes in designing and manufacturing precision analog integrated circuits (ICs) and related products. The company was founded in 1985 and is based in Sunnyvale, California, USA.

ALD's products are used in a wide range of applications, including industrial automation, medical devices, automotive electronics, and telecommunications. Some of the company's key products include voltage references, operational amplifiers, and analog switches.

One of ALD's main areas of expertise is in the design and manufacture of MOSFETs (metal-oxide-semiconductor field-effect transistors) and JFETs (junction field-effect transistors) that are used in precision analog circuits. ALD's MOSFETs and JFETs are known for their low noise, low drift, high precision, and high reliability.

Overall, ALD has a reputation for producing high-quality analog ICs that are well-suited to demanding applications where accuracy, stability, and low power consumption are critical.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com