Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAV99DW Datasheet (PDF) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

BAV99DW Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Part # BAV99DW
Download  BAV99DW Download

File Size   97.83 Kbytes
Page   2 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description SWITCHING DIODE

BAV99DW Datasheet (PDF)

Go To PDF Page Download Datasheet
BAV99DW Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # BAV99DW
Download  BAV99DW Click to download

File Size   97.83 Kbytes
Page   2 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description SWITCHING DIODE

BAV99DW Datasheet (HTML) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

BAV99DW Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BAV99DW Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

BAV99DW Product details

FEATURES
    Power dissipation PD: 200 mW (Tamb=25℃)
    Collector current IF: 150 mA
    Collector-base voltage VR: 75 V
    Operating and storage junction temperature range TJ, Tstg: -55℃ to +150℃




Similar Part No. - BAV99DW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV99DW DIODES-BAV99DW Datasheet
67Kb / 3P
   QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
DS30145 Rev. C-2
logo
Galaxy Semi-Conductor H...
BAV99DW BILIN-BAV99DW Datasheet
165Kb / 3P
   Surface Mount Fast Switching Diodes
logo
Weitron Technology
BAV99DW WEITRON-BAV99DW Datasheet
277Kb / 3P
   Surface Mount Switching Multi-Chip Diode Array
logo
Galaxy Semi-Conductor H...
BAV99DW BILIN-BAV99DW Datasheet
126Kb / 3P
   Surface Mount Fast Switching Diodes
logo
Diodes Incorporated
BAV99DW DIODES-BAV99DW Datasheet
73Kb / 3P
   QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
DS30145 Rev. 9 - 2
More results


Similar Description - BAV99DW

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com