Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GAL22V10D-15QJN Datasheet (PDF) - Lattice Semiconductor

GAL22V10D-15QJN Datasheet PDF - Lattice Semiconductor
Part # GAL22V10D-15QJN
Download  GAL22V10D-15QJN Download

File Size   718.73 Kbytes
Page   23 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description Product Change Notifications (PCNs) have been issued to discontinue all devices in this data sheet.

GAL22V10D-15QJN Datasheet (PDF)

Go To PDF Page Download Datasheet
GAL22V10D-15QJN Datasheet PDF - Lattice Semiconductor

Part # GAL22V10D-15QJN
Download  GAL22V10D-15QJN Click to download

File Size   718.73 Kbytes
Page   23 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description Product Change Notifications (PCNs) have been issued to discontinue all devices in this data sheet.

GAL22V10D-15QJN Datasheet (HTML) - Lattice Semiconductor

Back Button GAL22V10D-15QJN Datasheet HTML 1Page - Lattice Semiconductor GAL22V10D-15QJN Datasheet HTML 2Page - Lattice Semiconductor GAL22V10D-15QJN Datasheet HTML 3Page - Lattice Semiconductor GAL22V10D-15QJN Datasheet HTML 4Page - Lattice Semiconductor GAL22V10D-15QJN Datasheet HTML 5Page - Lattice Semiconductor GAL22V10D-15QJN Datasheet HTML 6Page - Lattice Semiconductor GAL22V10D-15QJN Datasheet HTML 7Page - Lattice Semiconductor GAL22V10D-15QJN Datasheet HTML 8Page - Lattice Semiconductor GAL22V10D-15QJN Datasheet HTML 9Page - Lattice Semiconductor GAL22V10D-15QJN Datasheet HTML 10Page - Lattice Semiconductor Next Button 

GAL22V10D-15QJN Product details

Description

The GAL22V10, at 4ns maximum propagation delay time, combines a high performance CMOS process with Electrically Erasable (E2) floating gate technology to provide the highest performance available of any 22V10 device on the market. CMOS circuitry allows the GAL22V10 to consume much less power when compared to bipolar 22V10 devices. E2 technology offers high speed (<100ms) erase times, providing the ability to reprogram or reconfigure the device quickly and efficiently.



Features

• HIGH PERFORMANCE E2CMOS®TECHNOLOGY

— 4 ns Maximum Propagation Delay

— Fmax = 250 MHz

— 3.5 ns Maximum from Clock Input to Data Output

— UltraMOS®Advanced CMOS Technology

• ACTIVE PULL-UPS ON ALL PINS

• COMPATIBLE WITH STANDARD 22V10 DEVICES

— Fully Function/Fuse-Map/Parametric Compatible with Bipolar and UVCMOS 22V10 Devices

• 50% to 75% REDUCTION IN POWER VERSUS BIPOLAR

— 90mA Typical Icc on Low Power Device

— 45mA Typical Icc on Quarter Power Device

•E2CELL TECHNOLOGY

— Reconfigurable Logic

— Reprogrammable Cells

— 100% Tested/100% Yields

— High Speed Electrical Erasure (<100ms)

— 20 Year Data Retention

• TEN OUTPUT LOGIC MACROCELLS

— Maximum Flexibility for Complex Logic Designs

• PRELOAD AND POWER-ON RESET OF REGISTERS

— 100% Functional Testability

• APPLICATIONS INCLUDE:

— DMA Control

— State Machine Control

— High Speed Graphics Processing

— Standard Logic Speed Upgrade

• ELECTRONIC SIGNATURE FOR IDENTIFICATION




Similar Part No. - GAL22V10D-15QJN

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL22V10D-15QJN LATTICE-GAL22V10D-15QJN Datasheet
718Kb / 23P
   All Devices Discontinued
GAL22V10D-15QJN LATTICE-GAL22V10D-15QJN Datasheet
718Kb / 23P
   All Devices Discontinued
GAL22V10D-15QJN LATTICE-GAL22V10D-15QJN Datasheet
718Kb / 23P
   GAL 22V10 Device Datasheet
More results


Similar Description - GAL22V10D-15QJN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1278 STMICROELECTRONICS-AN1278 Datasheet
303Kb / 44P
   Many mechanical components in the automotive sector have been replaced
logo
Maxim Integrated Produc...
DS3644 MAXIM-DS3644 Datasheet
24Kb / 4P
   A description of this device can be found in the product data sheet
3/29/2010
logo
PHOENIX CONTACT
REL-KSR-G24 PHOENIX-REL-KSR-G24 Datasheet
103Kb / 3P
   This product has been replaced by a newer version.
ELR1 PHOENIX-ELR1 Datasheet
136Kb / 4P
   This product has been replaced by a newer version.
logo
Silicon Laboratories
1208022 SILABS-1208022 Datasheet
145Kb / 2P
   Data sheet has been updated to include C8051T626-B-GM
logo
PHOENIX CONTACT
ST-OE2-5DC PHOENIX-ST-OE2-5DC Datasheet
135Kb / 5P
   This product has been replaced by a newer version.
1656987 PHOENIX-1656987 Datasheet
96Kb / 3P
   This product has been replaced by a newer version.
EMG45-IR1 PHOENIX-EMG45-IR1 Datasheet
115Kb / 4P
   This product has been replaced by a newer version.
CRIMPFOX-25 PHOENIX-CRIMPFOX-25 Datasheet
74Kb / 2P
   This product has been replaced by a newer version.
logo
Lite-On Technology Corp...
CNY17F-3S-TA LITEON-CNY17F-3S-TA Datasheet
461Kb / 10P
   Photocoupler Product Data Sheet
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com