Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM696AR Datasheet (PDF) - Analog Devices

ADM696AR Datasheet PDF - Analog Devices
Part # ADM696AR
Download  ADM696AR Download

File Size   328.59 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Microprocessor Supervisory Circuits

ADM696AR Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM696AR Datasheet PDF - Analog Devices

Part # ADM696AR
Download  ADM696AR Click to download

File Size   328.59 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Microprocessor Supervisory Circuits

ADM696AR Datasheet (HTML) - Analog Devices

Back Button ADM696AR Datasheet HTML 1Page - Analog Devices ADM696AR Datasheet HTML 2Page - Analog Devices ADM696AR Datasheet HTML 3Page - Analog Devices ADM696AR Datasheet HTML 4Page - Analog Devices ADM696AR Datasheet HTML 5Page - Analog Devices ADM696AR Datasheet HTML 6Page - Analog Devices ADM696AR Datasheet HTML 7Page - Analog Devices ADM696AR Datasheet HTML 8Page - Analog Devices ADM696AR Datasheet HTML 9Page - Analog Devices ADM696AR Datasheet HTML 10Page - Analog Devices Next Button 

ADM696AR Product details

GENERAL DESCRIPTION
The ADM696/ADM697 supervisory circuits offer complete single chip solutions for power supply monitoring and battery control functions in microprocessor systems. These functions include µP reset, backup-battery switchover, watchdog timer, CMOS RAM write protection, and power failure warning.
   
FEATURES
    Superior Upgrade for MAX696/MAX697
    Specified Over Temperature
    Adjustable Low Line Voltage Monitor
    Power OK/Reset Time Delay
    Reset Assertion Down to 1 V VCC
    Watchdog Timer—100 ms, 1.6 s, or Adjustable
    Low Switch On Resistance
    1.5 Ω Normal, 20 Ω in Backup
    600 nA Standby Current
    Automatic Battery Backup Switching (ADM696)
    Fast On-Board Gating of Chip Enable Signals (ADM697)
    Voltage Monitor for Power Fail or Low Battery Warning
   
APPLICATIONS
    Microprocessor Systems
    Computers
    Controllers
    Intelligent Instruments
    Automotive Systems
    Critical mP Power Monitoring
   




Similar Part No. - ADM696AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM696AR AD-ADM696AR Datasheet
407Kb / 12P
   Microprocessor Supervisory Circuits
REV. 0
More results


Similar Description - ADM696AR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM706P AD-ADM706P_15 Datasheet
333Kb / 16P
   Microprocessor Supervisory Circuits
REV. D
logo
Linear Technology
LTC691 LINER-LTC691_15 Datasheet
270Kb / 20P
   Microprocessor Supervisory Circuits
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com