Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4712EN Datasheet (PDF) - Asahi Kasei Microsystems

AK4712EN Datasheet PDF - Asahi Kasei Microsystems
Part # AK4712EN
Download  AK4712EN Download

File Size   1103.88 Kbytes
Page   32 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description AK4712 Evaluation Board Rev.0

AK4712EN Datasheet (PDF)

Go To PDF Page Download Datasheet
AK4712EN Datasheet PDF - Asahi Kasei Microsystems

Part # AK4712EN
Download  AK4712EN Click to download

File Size   1103.88 Kbytes
Page   32 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description AK4712 Evaluation Board Rev.0

AK4712EN Datasheet (HTML) - Asahi Kasei Microsystems

Back Button AK4712EN Datasheet HTML 1Page - Asahi Kasei Microsystems AK4712EN Datasheet HTML 2Page - Asahi Kasei Microsystems AK4712EN Datasheet HTML 3Page - Asahi Kasei Microsystems AK4712EN Datasheet HTML 4Page - Asahi Kasei Microsystems AK4712EN Datasheet HTML 5Page - Asahi Kasei Microsystems AK4712EN Datasheet HTML 6Page - Asahi Kasei Microsystems AK4712EN Datasheet HTML 7Page - Asahi Kasei Microsystems AK4712EN Datasheet HTML 8Page - Asahi Kasei Microsystems AK4712EN Datasheet HTML 9Page - Asahi Kasei Microsystems AK4712EN Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button 

AK4712EN Product details

GENERAL DESCRIPTION
The AK4712 is a High Definition A/V cap-less line driver. The AK4712 integrates the audio line driver, SD/HD video filters and video drivers. Its A/V outputs are Ground-referenced and eliminate the need for large A/V DC-blocking capacitors with a built-in Charge-pump circuit. The AK4712 achieves excellent A/V performance by single 3.3V power supply. The AK4712 is ideal for a wide range of consumer HD applications, such as portable A/V players, set-top boxes, and Blu-ray/DVD player systems. The AK4712 is offered in a space saving 28pin QFN package.

FEATURES
   Audio section
      □ THD+N: −102dB (@2Vrms)
      □ Dynamic Range: 108dB (@2Vrms, A-weighted)
      □ Full Differential (or Single-ended) input for Decoder DAC
      □ Stereo Output for CINCH (2Vrms)
      □ Ground-Referenced Output Eliminates
         DC-Blocking Capacitor and Mute Circuit
   Video section
      □ Integrated LPF
         SD: –40dB@27MHz
         HD: –36dB@74.25MHz ,–40dB@54MHz or 27MHz selectable
      □ 6dB Gain for Outputs
      □ 4ch 75ohm driver
         3ch for HD: Y/Pb/Pr
         1ch for CINCH: CVBS
   Power supply
      □ 3.3V+/−5%
      □ Low Power Standby Mode
   Package
      □ 28pin QFN (0.4mm pitch)





Similar Part No. - AK4712EN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4712 AKM-AK4712 Datasheet
454Kb / 30P
   Stereo Cap-less LINE-Amp and HD Video-Amp
More results


Similar Description - AK4712EN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4201-C AKM-AKD4201-C Datasheet
1Mb / 11P
   AK4201 Evaluation Board Rev.0
AKD4204-A AKM-AKD4204-A Datasheet
1Mb / 19P
   AK4204 Evaluation Board Rev.0
AKD4425A-SA AKM-AKD4425A-SA Datasheet
557Kb / 32P
   AK4425A Evaluation Board Rev.0
AKD4705A-A AKM-AKD4705A-A Datasheet
472Kb / 34P
   AK4705A Evaluation Board Rev.0
AKD4125 AKM-AKD4125 Datasheet
202Kb / 20P
   AK4125 Evaluation Board Rev.0
AKD4632 AKM-AKD4632 Datasheet
654Kb / 48P
   AK4632 Evaluation board Rev.0
AKD5385B AKM-AKD5385B Datasheet
305Kb / 27P
   AK5385B Evaluation Board Rev.0
AKD5367A-A AKM-AKD5367A-A Datasheet
1Mb / 38P
   AK5367A Evaluation Board Rev.0
AKD4118A-A AKM-AKD4118A-A Datasheet
557Kb / 23P
   AK4118A Evaluation Board Rev.0
AKD7782-A AKM-AKD7782-A Datasheet
2Mb / 73P
   AK7782 Evaluation Board Rev.0
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com