Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L1T2-3580000000000 Datasheet (PDF) - Lumileds Lighting Company

L1T2-3580000000000 Datasheet PDF - Lumileds Lighting Company
Part # L1T2-3580000000000
Download  L1T2-3580000000000 Download

File Size   1670.02 Kbytes
Page   19 Pages
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company
Description Extreme efficacy that will transform your next market leading luminaire

L1T2-3580000000000 Datasheet (PDF)

Go To PDF Page Download Datasheet
L1T2-3580000000000 Datasheet PDF - Lumileds Lighting Company

Part # L1T2-3580000000000
Download  L1T2-3580000000000 Click to download

File Size   1670.02 Kbytes
Page   19 Pages
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company
Description Extreme efficacy that will transform your next market leading luminaire

L1T2-3580000000000 Datasheet (HTML) - Lumileds Lighting Company

Back Button L1T2-3580000000000 Datasheet HTML 1Page - Lumileds Lighting Company L1T2-3580000000000 Datasheet HTML 2Page - Lumileds Lighting Company L1T2-3580000000000 Datasheet HTML 3Page - Lumileds Lighting Company L1T2-3580000000000 Datasheet HTML 4Page - Lumileds Lighting Company L1T2-3580000000000 Datasheet HTML 5Page - Lumileds Lighting Company L1T2-3580000000000 Datasheet HTML 6Page - Lumileds Lighting Company L1T2-3580000000000 Datasheet HTML 7Page - Lumileds Lighting Company L1T2-3580000000000 Datasheet HTML 8Page - Lumileds Lighting Company L1T2-3580000000000 Datasheet HTML 9Page - Lumileds Lighting Company L1T2-3580000000000 Datasheet HTML 10Page - Lumileds Lighting Company Next Button 

L1T2-3580000000000 Product details

luXEon tX
Extreme efficacy and best performance

LUXEON TX is designed to deliver high efficacy with high flux density to enable tight beam control in directional and high lumen applications. With Freedom from Binning and leading performance, LUXEON TX LEDs are specified, targeted and tested hot, at real world operating temperatures, 85°C, to ensure in-application performance. LUXEON TX LEDs allow system optimization by blending the perfect combination of high efficacy and low system cost, while tight correlated color temperature ensures consistency in system color point.

FEaturEs and BEnEFIts
   Maximum drive current of 1.5A
   High lumen package and compact source size for design flexibility and reduced LED count
   Freedom from Binning with 3- and 5-step MacAdam ellipse
   Exceeds ENERGY STAR® lumen maintenance requirements
   70, 80 and 90CRI minimum and full CCT range available

PrImary aPPlIcatIons
   Downlights
   High Bay & Low Bay
   Lamps
   Outdoor
   Spotlights




Similar Part No. - L1T2-3580000000000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L1T2-3580000000000 ETC2-L1T2-3580000000000 Datasheet
1Mb / 19P
   Extreme efficacy that will transform your next market leading luminaire
logo
Lumileds Lighting Compa...
L1T2-3580000000000 LUMILEDS-L1T2-3580000000000 Datasheet
2Mb / 17P
   Extreme efficacy and best performance
L1T2-3580000000000 LUMILEDS-L1T2-3580000000000 Datasheet
1Mb / 2P
   Extreme efficacy and best performance
More results


Similar Description - L1T2-3580000000000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L1T2-3070000000000 ETC2-L1T2-3070000000000_14 Datasheet
1Mb / 19P
   Extreme efficacy that will transform your next market leading luminaire
logo
Lumileds Lighting Compa...
L130-2780HB30000B1 LUMILEDS-L130-2780HB30000B1 Datasheet
2Mb / 22P
   Industry leading efficacy, 3V 3030 package
20210120
DS133 LUMILEDS-DS133 Datasheet
2Mb / 17P
   Extreme efficacy and best performance
PB133 LUMILEDS-PB133 Datasheet
1Mb / 2P
   Extreme efficacy and best performance
logo
List of Unclassifed Man...
LXML-PWC2 ETC1-LXML-PWC2 Datasheet
2Mb / 33P
   Leading efficacy and light output, maximum design flexibility
logo
Texas Instruments
PCM5100APWR TI-PCM5100APWR Datasheet
1Mb / 35P
[Old version datasheet]   Market-Leading Low Out-of-Band Noise, Integrated Negative Charge Pump
logo
List of Unclassifed Man...
PA8000 ETC2-PA8000 Datasheet
1Mb / 16P
   Its a complete tool kit that fits in your palm.
logo
Lumileds Lighting Compa...
L135-27800BHV00001 LUMILEDS-L135-27800BHV00001 Datasheet
2Mb / 21P
   High voltage package that reduces system BOM while achieving high efficacy
logo
InnovASIC, Inc
IA64250 INNOVASIC-IA64250_08 Datasheet
481Kb / 24P
   Histogram/Hough Transform Processor
logo
List of Unclassifed Man...
FAS2700 ETC-FAS2700 Datasheet
383Kb / 4P
   NetApp FAS2700 Series Hybrid Storage Systems Simplify your storage with leading data management
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com