Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT001D3-11 Datasheet (PDF) - Alpha Industries

AT001D3-11 Datasheet PDF - Alpha Industries
Part # AT001D3-11
Download  AT001D3-11 Download

File Size   196.5 Kbytes
Page   3 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description GaAs MMIC Control FET in SOT 143 DC-2.5 GHz

AT001D3-11 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT001D3-11 Datasheet PDF - Alpha Industries

Part # AT001D3-11
Download  AT001D3-11 Click to download

File Size   196.5 Kbytes
Page   3 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description GaAs MMIC Control FET in SOT 143 DC-2.5 GHz

AT001D3-11 Datasheet (HTML) - Alpha Industries

AT001D3-11 Datasheet HTML 1Page - Alpha Industries AT001D3-11 Datasheet HTML 2Page - Alpha Industries AT001D3-11 Datasheet HTML 3Page - Alpha Industries

AT001D3-11 Product details

Description
The AF002C1-32 consists of a single GaAs switching FET that can be used in both series and shunt configurations. A positive control voltage may be used by simply adding 3 DC blocking capacitors.

Features
■ Low Cost
■ Small SOT 143 Package
■ Series or Shunt Configuration
■ Low DC Current Drain
■ Ideal Switch Building Block




Similar Part No. - AT001D3-11

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AT001D6-25 ALPHA-AT001D6-25 Datasheet
28Kb / 2P
   GaAs IC 4 Bit Digital Attenuator 3 dB LSB DC-1 GHz
logo
Skyworks Solutions Inc.
AT001D6-25 SKYWORKS-AT001D6-25 Datasheet
171Kb / 4P
   GaAs IC 4-Bit Digital Attenuator 3 dB LSB 300 kHz-1 GHz
AT001D6-25LF SKYWORKS-AT001D6-25LF Datasheet
171Kb / 4P
   GaAs IC 4-Bit Digital Attenuator 3 dB LSB 300 kHz-1 GHz
More results


Similar Description - AT001D3-11

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AF002C1-39 ALPHA-AF002C1-39 Datasheet
43Kb / 4P
   GaAs IC Control FET Series DC-2.5 GHz
logo
Skyworks Solutions Inc.
SKY13282-334 SKYWORKS-SKY13282-334 Datasheet
303Kb / 6P
   GaAs Control FET 300 kHz-2.5 GHz
logo
Hittite Microwave Corpo...
HMC239S8 HITTITE-HMC239S8 Datasheet
175Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 2.5 GHz
HMC172QS24 HITTITE-HMC172QS24_01 Datasheet
213Kb / 6P
   GaAs MMIC SP6T SWITCH DC - 2.5 GHz
HMC239AS8 HITTITE-HMC239AS8 Datasheet
303Kb / 4P
   GaAs MMIC SPDT SWITCH DC - 2.5 GHz
HMC239S8 HITTITE-HMC239S8_10 Datasheet
198Kb / 4P
   GaAs MMIC SPDT SWITCH DC - 2.5 GHz
HMC239S8 HITTITE-HMC239S8_06 Datasheet
227Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 2.5 GHz
HMC172QS24 HITTITE-HMC172QS24 Datasheet
88Kb / 4P
   GaAS MMIC SP6T SWITCH DC TO 2.5 GHz
logo
Alpha Industries
AD004T2-00 ALPHA-AD004T2-00 Datasheet
130Kb / 2P
   GaAs MMIC FET Transfer Switch DC-4 GHz
logo
Skyworks Solutions Inc.
AF002C1-39 SKYWORKS-AF002C1-39 Datasheet
326Kb / 6P
   GaAs IC Control FET Series 300 kHz-2.5 GHz
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com