Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT4482N Datasheet (PDF) - Texas Instruments

PT4482N Datasheet PDF - Texas Instruments
Part # PT4482N
Download  PT4482N Download

File Size   157.14 Kbytes
Page   7 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description 36V to 75V Input Voltage Range Programmable Output Voltage Range: 1.3V to 3.5V

PT4482N Datasheet (PDF)

Go To PDF Page Download Datasheet
PT4482N Datasheet PDF - Texas Instruments

Part # PT4482N
Download  PT4482N Click to download

File Size   157.14 Kbytes
Page   7 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description 36V to 75V Input Voltage Range Programmable Output Voltage Range: 1.3V to 3.5V

PT4482N Datasheet (HTML) - Texas Instruments

PT4482N Datasheet HTML 1Page - Texas Instruments PT4482N Datasheet HTML 2Page - Texas Instruments PT4482N Datasheet HTML 3Page - Texas Instruments PT4482N Datasheet HTML 4Page - Texas Instruments PT4482N Datasheet HTML 5Page - Texas Instruments PT4482N Datasheet HTML 6Page - Texas Instruments PT4482N Datasheet HTML 7Page - Texas Instruments



Similar Part No. - PT4482N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4482 TI-PT4482 Datasheet
156Kb / 7P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
More results


Similar Description - PT4482N

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1511 RICOH-R1511 Datasheet
874Kb / 20P
   Input Voltage Range 3.5V to 36V
logo
Texas Instruments
PT4484-48V TI1-PT4484-48V Datasheet
182Kb / 8P
[Old version datasheet]   36V to 75V Input Voltage Range
logo
National Semiconductor ...
LM5035C NSC-LM5035C_1 Datasheet
343Kb / 14P
   Input operating range: 36V to 75V Output voltage: 3.3V
LM5039 NSC-LM5039_1 Datasheet
440Kb / 14P
   Input Operating Range: 36V to 75V Output Voltage: 3.3V
logo
Maxim Integrated Produc...
MAX20028EVKIT MAXIM-MAX20028EVKIT Datasheet
423Kb / 8P
   3.5V to 36V Input Range
Rev 1; 2/19
MAX25231EVKIT MAXIM-MAX25231EVKIT Datasheet
1Mb / 6P
   3.5V to 36V Input Supply Range
Rev 0; 11/20
MAX25232EVKIT MAXIM-MAX25232EVKIT Datasheet
1Mb / 6P
   3.5V to 36V Input Supply Range
2020
MAX16910C9EVKIT MAXIM-MAX16910C9EVKIT Datasheet
810Kb / 6P
   3.5V to 30V Input Voltage Range
2012
MAX17231EVKIT MAXIM-MAX17231EVKIT Datasheet
1,021Kb / 11P
   3.5V to 36V Wide Input Supply Range
Rev 0; 5/17
logo
SHANGHAI BELLING CO., L...
BL8023C BELLING-BL8023C Datasheet
471Kb / 6P
   5 to 36V input voltage range
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com