Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X3C04M1-05S Datasheet (PDF) - Anaren Microwave

X3C04M1-05S Datasheet PDF - Anaren Microwave
Part # X3C04M1-05S
Download  X3C04M1-05S Download

File Size   2204.64 Kbytes
Page   26 Pages
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave
Description Hybrid Coupler 3 dB, 90

X3C04M1-05S Datasheet (PDF)

Go To PDF Page Download Datasheet
X3C04M1-05S Datasheet PDF - Anaren Microwave

Part # X3C04M1-05S
Download  X3C04M1-05S Click to download

File Size   2204.64 Kbytes
Page   26 Pages
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave
Description Hybrid Coupler 3 dB, 90

X3C04M1-05S Datasheet (HTML) - Anaren Microwave

Back Button X3C04M1-05S Datasheet HTML 1Page - Anaren Microwave X3C04M1-05S Datasheet HTML 2Page - Anaren Microwave X3C04M1-05S Datasheet HTML 3Page - Anaren Microwave X3C04M1-05S Datasheet HTML 4Page - Anaren Microwave X3C04M1-05S Datasheet HTML 5Page - Anaren Microwave X3C04M1-05S Datasheet HTML 6Page - Anaren Microwave X3C04M1-05S Datasheet HTML 7Page - Anaren Microwave X3C04M1-05S Datasheet HTML 8Page - Anaren Microwave X3C04M1-05S Datasheet HTML 9Page - Anaren Microwave X3C04M1-05S Datasheet HTML 10Page - Anaren Microwave Next Button 



Similar Part No. - X3C04M1-05S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3C04M1-03P ANAREN-X3C04M1-03P Datasheet
671Kb / 22P
   30 dB Directional Coupler
More results


Similar Description - X3C04M1-05S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3C21P1-03 ANAREN-X3C21P1-03 Datasheet
2Mb / 26P
   Hybrid Coupler 3 dB, 90
X3C14P1-03S ANAREN-X3C14P1-03S Datasheet
1Mb / 24P
   Hybrid Coupler 3 dB, 90
XMC0204E2-03G ANAREN-XMC0204E2-03G Datasheet
200Kb / 2P
   Hybrid Coupler 3 dB, 90
logo
KATHREIN Solutions GmbH
K637061 KATHREIN-K637061 Datasheet
440Kb / 1P
   3-dB Coupler (90° Hybrid) 806 – 960 MHz
logo
Anaren Microwave
C0727J5003AHF ANAREN-C0727J5003AHF Datasheet
341Kb / 4P
   Ultra Low Profile 0805 3 dB, 90 Hybrid Coupler
XMC2560E-03 ANAREN-XMC2560E-03 Datasheet
1Mb / 17P
   Wideband Hybrid Coupler, 3 dB
logo
Yantel Corporation
HC07F03 YANTEL-HC07F03 Datasheet
1Mb / 9P
   Hybrid Coupler 3 dB, 90o
HC19F03 YANTEL-HC19F03 Datasheet
2Mb / 9P
   Hybrid Coupler 3 dB, 90o
HC0150B03 YANTEL-HC0150B03 Datasheet
1Mb / 9P
   Hybrid Coupler 3 dB, 90o
HC0450L03 YANTEL-HC0450L03 Datasheet
1Mb / 9P
   Hybrid Coupler 3 dB, 90o
More results




About Anaren Microwave


Anaren Microwave is a company that designs and manufactures high-frequency microwave components and subsystems for the aerospace and defense industries, as well as the wireless communication industry. The company was founded in 1967 and is headquartered in Syracuse, New York.

Anaren Microwave's products include RF amplifiers, filters, couplers, power dividers, and other passive and active microwave components. The company also offers custom-designed microwave subsystems, including signal generators, receivers, and transmitters, that are used in a variety of applications, such as radar systems, satellite communications, and electronic warfare.

Anaren Microwave is known for its advanced technology and manufacturing capabilities, including surface mount technology, microelectronic packaging, and automated testing. The company has a strong focus on research and development, with a team of engineers and scientists working to develop new products and technologies.

In 2018, Anaren Microwave was acquired by TTM Technologies, a leading manufacturer of printed circuit boards and other electronic components. Today, Anaren Microwave operates as a division of TTM Technologies, continuing to provide high-quality microwave components and subsystems to customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com