Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM681K Datasheet (PDF) - Mallory performance club

GM681K Datasheet PDF - Mallory performance club
Part # GM681K
Download  GM681K Download

File Size   469.39 Kbytes
Page   3 Pages
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club
Description General Purpose Disc Ceramic Capacitors

GM681K Datasheet (PDF)

Go To PDF Page Download Datasheet
GM681K Datasheet PDF - Mallory performance club

Part # GM681K
Download  GM681K Click to download

File Size   469.39 Kbytes
Page   3 Pages
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club
Description General Purpose Disc Ceramic Capacitors

GM681K Datasheet (HTML) - Mallory performance club

GM681K Datasheet HTML 1Page - Mallory performance club GM681K Datasheet HTML 2Page - Mallory performance club GM681K Datasheet HTML 3Page - Mallory performance club

GM681K Product details

General Purpose Disc Ceramic Capacitors

■ General Purpose
■ Ideal For Use in Non-critical Coupling, Bypass and Filter Applications
■ Conformally Coated
■ Radial Leads

GENERAL SPECIFICATIONS
   Temperature Range: -30°C to +85°C
   Voltage Range: 50, 100, 500, 1,000, 2,000, 3,000 WVDC
   Capacitance Range: 1 pF to 100,000 pF
   Lead Length: 1 inch minimum
   Insulation Resistance: 10,000 megohms (min)
   Power Factor @ 1kHz: 2.5% Max (Y5V: 5%)
   Breakdown Voltage: 2.5 x rated (5 seconds Max)




Similar Part No. - GM681K

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
GM681K CDE-GM681K Datasheet
170Kb / 2P
   Disc Ceramic Capacitors
logo
Mallory performance clu...
GM681K MALLORY-GM681K Datasheet
37Kb / 3P
   Disc Ceramic Capacitors
More results


Similar Description - GM681K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
102GCR050M ILLINOISCAPACITOR-102GCR050M Datasheet
24Kb / 1P
   85C General Purpose Ceramic Disc Capacitors
logo
AVX Corporation
5SS103MBKCC AVX-5SS103MBKCC Datasheet
70Kb / 4P
   Disc Ceramic Capacitors General Specifications - Class II General Purpose
logo
Vishay Siliconix
HBE472MBBCF0KR VISHAY-HBE472MBBCF0KR Datasheet
84Kb / 4P
   Ceramic Singlelayer DC Disc Capacitors, 2 kVDC General Purpose
Revision: 12-Sep-13
562R VISHAY-562R Datasheet
96Kb / 5P
   Lower Voltage Ceramic DC Disc Capacitors 1000 VDC General Purpose
01-Jan-2022
561R562R VISHAY-561R562R Datasheet
72Kb / 3P
   Lower Voltage Ceramic DC Disc Capacitors 1000 Vdc General Purpose
Revision: 07-Feb-13
562R5HKZS10 VISHAY-562R5HKZS10 Datasheet
72Kb / 3P
   Lower Voltage Ceramic DC Disc Capacitors 1000 VDC General Purpose
Revision: 07-Feb-13
D102K20Y5PH6TJ6R VISHAY-D102K20Y5PH6TJ6R Datasheet
323Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
logo
Murata Manufacturing Co...
DE2E3KY472MA3BM02 MURATA1-DE2E3KY472MA3BM02 Datasheet
331Kb / 22P
   Safety Standard Certified Lead Type Disc Ceramic Capacitors for General Purpose
May. 2018
DE2E3KY472MA3BM02F MURATA1-DE2E3KY472MA3BM02F Datasheet
446Kb / 23P
   Safety Standard Certified Lead Type Disc Ceramic Capacitors for General Purpose
Mar. 2021
logo
Vishay Siliconix
D471K20Y5PH63L2R VISHAY-D471K20Y5PH63L2R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com