Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM27X010 Datasheet (PDF) - Advanced Micro Devices

AM27X010 Datasheet PDF - Advanced Micro Devices
Part # AM27X010
Download  AM27X010 Download

File Size   138.77 Kbytes
Page   10 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description 1 Megabit (128 K x 8-Bit) CMOS ExpressROM Device

AM27X010 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM27X010 Datasheet PDF - Advanced Micro Devices

Part # AM27X010
Download  AM27X010 Click to download

File Size   138.77 Kbytes
Page   10 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description 1 Megabit (128 K x 8-Bit) CMOS ExpressROM Device

AM27X010 Datasheet (HTML) - Advanced Micro Devices

AM27X010 Datasheet HTML 1Page - Advanced Micro Devices AM27X010 Datasheet HTML 2Page - Advanced Micro Devices AM27X010 Datasheet HTML 3Page - Advanced Micro Devices AM27X010 Datasheet HTML 4Page - Advanced Micro Devices AM27X010 Datasheet HTML 5Page - Advanced Micro Devices AM27X010 Datasheet HTML 6Page - Advanced Micro Devices AM27X010 Datasheet HTML 7Page - Advanced Micro Devices AM27X010 Datasheet HTML 8Page - Advanced Micro Devices AM27X010 Datasheet HTML 9Page - Advanced Micro Devices AM27X010 Datasheet HTML 10Page - Advanced Micro Devices

AM27X010 Product details

GENERAL DESCRIPTION
The Am27X010 is a factory programmed and tested OTP EPROM. It is programmed after packaging prior to final test. Every device is rigorously tested under AC and DC operating conditions to your stable code. It is organized as 128 Kwords by 8 bits per word and is available in plastic dual in-line packages (PDIP), as well as plastic leaded chip carrier (PLCC) packages. ExpressROM devices provide a board-ready memory solution for medium to high volume codes with short leadtimes. This offers manufacturers a cost-effective and flexible alternative to OTP EPROMs and mask programmed ROMs.

DISTINCTIVE CHARACTERISTICS
■ As an OTP EPROM alternative:
    — Factory optimized programming
    — Fully tested and guaranteed
■ As a Mask ROM alternative:
    — Shorter leadtime
    — Lower volume per code
■ Fast access time
    — 55 ns
■ Single +5 V power supply
■ Compatible with JEDEC-approved EPROM pinout
■ ±10% power supply tolerance
■ High noise immunity
■ Low power dissipation
    — 100 µA maximum CMOS standby current
■ Available in Plastic Dual-In-line Package (PDIP) and Plastic Leaded Chip Carrier (PLCC)
■ Latch-up protected to 100 mA from –1 V to VCC + 1 V
■ Versatile features for simple interfacing
    — Both CMOS and TTL input/output compatibility
    — Two line control functions




Similar Part No. - AM27X010

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27X020 AMD-AM27X020 Datasheet
136Kb / 10P
   2 Megabit (256 K x 8-Bit) CMOS ExpressROM Device
AM27X020-120JC AMD-AM27X020-120JC Datasheet
136Kb / 10P
   2 Megabit (256 K x 8-Bit) CMOS ExpressROM Device
AM27X020-120JI AMD-AM27X020-120JI Datasheet
136Kb / 10P
   2 Megabit (256 K x 8-Bit) CMOS ExpressROM Device
AM27X020-120PC AMD-AM27X020-120PC Datasheet
136Kb / 10P
   2 Megabit (256 K x 8-Bit) CMOS ExpressROM Device
AM27X020-120PI AMD-AM27X020-120PI Datasheet
136Kb / 10P
   2 Megabit (256 K x 8-Bit) CMOS ExpressROM Device
More results


Similar Description - AM27X010

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27X2048 AMD-AM27X2048 Datasheet
136Kb / 10P
   2 Megabit (128 K x 16-Bit) CMOS ExpressROM Device
AM27X020 AMD-AM27X020 Datasheet
136Kb / 10P
   2 Megabit (256 K x 8-Bit) CMOS ExpressROM Device
AM27X040 AMD-AM27X040 Datasheet
132Kb / 10P
   4 Megabit (512 K x 8-Bit) CMOS ExpressROM Device
AM27X128 AMD-AM27X128 Datasheet
139Kb / 10P
   128 Kilobit (16 K x 8-Bit) CMOS ExpressROM Device
AM27C010 AMD-AM27C010 Datasheet
175Kb / 13P
   1 Megabit (128 K x 8-Bit) CMOS EPROM
AM27X64 AMD-AM27X64 Datasheet
139Kb / 10P
   64 Kilobit (8 K x 8-Bit) CMOS ExpressROM Device
AM27X256 AMD-AM27X256 Datasheet
139Kb / 10P
   256 Kilobit (32 K x 8-Bit) CMOS ExpressROM Device
AM27X512 AMD-AM27X512 Datasheet
135Kb / 10P
   512 Kilobit (64 K x 8-Bit) CMOS ExpressROM Device
AM28F010 AMD-AM28F010 Datasheet
492Kb / 35P
   1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AM27C2048 AMD-AM27C2048 Datasheet
173Kb / 12P
   2 Megabit (128 K x 16-Bit) CMOS EPROM
More results




About Advanced Micro Devices


Advanced Micro Devices, Inc. (AMD) is an American multinational semiconductor company based in Santa Clara, California.
It is a leading producer of microprocessors, graphics processors, and computer systems for the consumer, commercial, and professional markets.
AMD is known for its competitive CPU offerings, including the Ryzen and Epyc processor lines, as well as its Radeon graphics products.
Founded in 1969, AMD has a long history in the tech industry and has been a major player in the PC and server markets.
In recent years, the company has expanded its product offerings to address the growing demand for computing power in data centers, gaming, and artificial intelligence.
With a focus on innovation and advanced technology, AMD aims to deliver high-performance computing solutions to its customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com