Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM79C961A Datasheet (PDF) - Advanced Micro Devices

AM79C961A Datasheet PDF - Advanced Micro Devices
Part # AM79C961A
Download  AM79C961A Download

File Size   1088.52 Kbytes
Page   85 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description PCnet ??ISA II Jumperless, Full Duplex Single-Chip Ethernet Controller for ISA

AM79C961A Datasheet (PDF)

Go To PDF Page Download Datasheet
AM79C961A Datasheet PDF - Advanced Micro Devices

Part # AM79C961A
Download  AM79C961A Click to download

File Size   1088.52 Kbytes
Page   85 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description PCnet ??ISA II Jumperless, Full Duplex Single-Chip Ethernet Controller for ISA

AM79C961A Datasheet (HTML) - Advanced Micro Devices

Back Button AM79C961A Datasheet HTML 1Page - Advanced Micro Devices AM79C961A Datasheet HTML 2Page - Advanced Micro Devices AM79C961A Datasheet HTML 3Page - Advanced Micro Devices AM79C961A Datasheet HTML 4Page - Advanced Micro Devices AM79C961A Datasheet HTML 5Page - Advanced Micro Devices AM79C961A Datasheet HTML 6Page - Advanced Micro Devices AM79C961A Datasheet HTML 7Page - Advanced Micro Devices AM79C961A Datasheet HTML 8Page - Advanced Micro Devices AM79C961A Datasheet HTML 9Page - Advanced Micro Devices AM79C961A Datasheet HTML 10Page - Advanced Micro Devices Next Button 

AM79C961A Product details

GENERAL DESCRIPTION
The PCnet-ISA II controller, a single-chip Ethernet controller, is a highly integrated system solution for the PC-AT Industry Standard Architecture (ISA) architecture. It is designed to provide flexibility and compatibility with any existing PC application. This highly integrated VLSI device is specifically designed to reduce parts count and cost, and addresses applications where higher system throughput is desired. The PCnet-ISA II controller is fabricated with AMD’s advanced low-power CMOS process to provide low standby current for power sensitive applications.

DISTINCTIVE CHARACTERISTICS
■ Single-chip Ethernet controller for the Industry Standard Architecture (ISA) and Extended Industry Standard Architecture (EISA) buses
■ Supports IEEE 802.3/ANSI 8802-3 and Ethernet standards
■ Supports full duplex operation on the 10BASE-T, AUI, and GPSI ports
■ Direct interface to the ISA or EISA bus
■ Pin compatible to Am79C961 PCnet-ISA+ Jumperless Single-Chip Ethernet Controller
■ Software compatible with AMD’s Am7990 LANCE register and descriptor architecture
■ Low power, CMOS design with sleep mode allows reduced power consumption for critical battery powered applications
■ Individual 136-byte transmit and 128-byte receive FIFOs provide packet buffering for increased system latency, and support the following features:
   — Automatic retransmission with no FIFO reload
   — Automatic receive stripping and transmit padding (individually programmable)
   — Automatic runt packet rejection
   — Automatic deletion of received collision frames
■ Dynamic transmit FCS generation programmable on a frame-by-frame basis
■ Single +5 V power supply
■ Internal/external loopback capabilities
■ Supports 8K, 16K, 32K, and 64K Boot PROMs or Flash for diskless node applications
■ Supports Microsoft’s Plug and Play System configuration for jumperless designs
■ Supports staggered AT bus drive for reduced noise and ground bounce
■ Integrated Magic Packet™ support for remote wake up of Green PCs
■ Supports 8 interrupts on chip
■ Look Ahead Packet Processing (LAPP) allows protocol analysis to begin before end of receive frame
■ Supports 4 DMA channels on chip
■ Supports 16 I/O locations
■ Supports 16 boot PROM locations
■ Provides integrated Attachment Unit Interface (AUI) and 10BASE-T transceiver with 2 modes of port selection:
   — Automatic selection of AUI or 10BASE-T
   — Software selection of AUI or 10BASE-T
■ Automatic Twisted Pair receive polarity detection and automatic correction of the receive polarity
■ Supports bus-master, programmed I/O, and shared-memory architectures to fit in any PC application
■ Supports edge and level-sensitive interrupts
■ DMA Buffer Management Unit for reduced CPU intervention which allows higher throughput by by-passing the platform DMA
■ JTAG Boundary Scan (IEEE 1149.1) test access port interface for board level production test
■ Integrated Manchester Encoder/Decoder
■ Supports the following types of network interfaces:
   — AUI to external 10BASE2, 10BASE5, 10BASE-T or 10BASE-F MAU
   — Internal 10BASE-T transceiver with Smart Squelch to Twisted Pair medium
■ Supports LANCE General Purpose Serial Interface (GPSI)
■ 132-pin PQFP and 144-pin TQFP packages
■ Supports Shared Memory and PIO modes
■ Supports PCMCIA mode (144-TQFP version only)
■ Support for operation in industrial temperature range (–40°C to +85°C) available in both packages




Similar Part No. - AM79C961A

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C961A AMD-AM79C961A Datasheet
2Mb / 206P
   PCnet??ISA II Jumperless, Full Duplex Single-Chip Ethernet Controller for ISA
AM79C961AKC AMD-AM79C961AKC Datasheet
2Mb / 206P
   PCnet??ISA II Jumperless, Full Duplex Single-Chip Ethernet Controller for ISA
AM79C961AKCW AMD-AM79C961AKCW Datasheet
2Mb / 206P
   PCnet??ISA II Jumperless, Full Duplex Single-Chip Ethernet Controller for ISA
AM79C961AKI AMD-AM79C961AKI Datasheet
2Mb / 206P
   PCnet??ISA II Jumperless, Full Duplex Single-Chip Ethernet Controller for ISA
AM79C961AKIW AMD-AM79C961AKIW Datasheet
2Mb / 206P
   PCnet??ISA II Jumperless, Full Duplex Single-Chip Ethernet Controller for ISA
More results


Similar Description - AM79C961A

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C961A AMD-AM79C961A_00 Datasheet
2Mb / 206P
   PCnet??ISA II Jumperless, Full Duplex Single-Chip Ethernet Controller for ISA
AM79C961 AMD-AM79C961 Datasheet
1Mb / 173P
   PCnetTM-ISA Jumperless Single-Chip Ethernet Controller for ISA
logo
List of Unclassifed Man...
SMC91C95 ETC1-SMC91C95 Datasheet
530Kb / 139P
   ISA/PCMCIA Full Duplex Single-Chip Ethernet and Modem Controller with RAM
logo
SMSC Corporation
LAN91C95 SMSC-LAN91C95 Datasheet
502Kb / 144P
   ISA/PCMCIA Full Duplex Single-Chip Ethernet and Modem Controller with RAM
logo
Advanced Micro Devices
AM79C960 AMD-AM79C960 Datasheet
814Kb / 127P
   PCnetTM-ISA Single-Chip Ethernet Controller
AM79C970A AMD-AM79C970A Datasheet
1Mb / 219P
   PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
logo
SMSC Corporation
91C94 SMSC-91C94 Datasheet
447Kb / 120P
   ISA/PCMCIA SINGLE CHIP ETHERNET CONTROLLER WITH RAM
logo
Cirrus Logic
CS8900A CIRRUS-CS8900A Datasheet
1Mb / 128P
   Crystal LAN ??ISA Ethernet Controller
logo
Advanced Micro Devices
AM79C971 AMD-AM79C971 Datasheet
3Mb / 265P
   PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
logo
Cirrus Logic
CS8900A CIRRUS-CS8900A_07 Datasheet
2Mb / 138P
   Crystal LAN ??ISA Ethernet Controller
More results




About Advanced Micro Devices


Advanced Micro Devices, Inc. (AMD) is an American multinational semiconductor company based in Santa Clara, California.
It is a leading producer of microprocessors, graphics processors, and computer systems for the consumer, commercial, and professional markets.
AMD is known for its competitive CPU offerings, including the Ryzen and Epyc processor lines, as well as its Radeon graphics products.
Founded in 1969, AMD has a long history in the tech industry and has been a major player in the PC and server markets.
In recent years, the company has expanded its product offerings to address the growing demand for computing power in data centers, gaming, and artificial intelligence.
With a focus on innovation and advanced technology, AMD aims to deliver high-performance computing solutions to its customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com