Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD1XGJERI00048G Datasheet (PDF) - OPLINK Communications Inc.

TPD1XGJERI00048G Datasheet PDF - OPLINK Communications Inc.
Part # TPD1XGJERI00048G
Download  TPD1XGJERI00048G Download

File Size   347.55 Kbytes
Page   9 Pages
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.
Description DWDM 40km SFP Transceivers

TPD1XGJERI00048G Datasheet (PDF)

Go To PDF Page Download Datasheet
TPD1XGJERI00048G Datasheet PDF - OPLINK Communications Inc.

Part # TPD1XGJERI00048G
Download  TPD1XGJERI00048G Click to download

File Size   347.55 Kbytes
Page   9 Pages
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.
Description DWDM 40km SFP Transceivers

TPD1XGJERI00048G Datasheet (HTML) - OPLINK Communications Inc.

TPD1XGJERI00048G Datasheet HTML 1Page - OPLINK Communications Inc. TPD1XGJERI00048G Datasheet HTML 2Page - OPLINK Communications Inc. TPD1XGJERI00048G Datasheet HTML 3Page - OPLINK Communications Inc. TPD1XGJERI00048G Datasheet HTML 4Page - OPLINK Communications Inc. TPD1XGJERI00048G Datasheet HTML 5Page - OPLINK Communications Inc. TPD1XGJERI00048G Datasheet HTML 6Page - OPLINK Communications Inc. TPD1XGJERI00048G Datasheet HTML 7Page - OPLINK Communications Inc. TPD1XGJERI00048G Datasheet HTML 8Page - OPLINK Communications Inc. TPD1XGJERI00048G Datasheet HTML 9Page - OPLINK Communications Inc.



Similar Part No. - TPD1XGJERI00048G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TPD1XGJERI00048G OPLINK-TPD1XGJERI00048G Datasheet
625Kb / 9P
   DWDM 40km SFP Transceivers
More results


Similar Description - TPD1XGJERI00048G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TPD1XGJERXX OPLINK-TPD1XGJERXX Datasheet
625Kb / 9P
   DWDM 40km SFP Transceivers
TPC1XGJERXG OPLINK-TPC1XGJERXG Datasheet
508Kb / 7P
   CWDM 40km SFP Transceivers
TPC1XGJERXG-S0218 OPLINK-TPC1XGJERXG-S0218 Datasheet
325Kb / 7P
   CWDM 40km SFP Transceivers
TPP7XGJERC000E2G OPLINK-TPP7XGJERC000E2G Datasheet
479Kb / 6P
   1550nm 40km SFP Transceivers
logo
MRV Communications, Inc...
SFP27DWLR08 MRV-SFP27DWLR08 Datasheet
94Kb / 5P
   DWDM Multirate SFP Transceivers
logo
Finisar Corporation.
FTLX3671DTC20 FINISAR-FTLX3671DTC20 Datasheet
505Kb / 13P
   Industrial Temperature DWDM 1.2G-11.3G, 40km SFP Transceiver
FTLX3671MTC20 FINISAR-FTLX3671MTC20 Datasheet
502Kb / 14P
   Industrial Temperature DWDM 10G Multi-Rate, 40km SFP Transceiver
logo
OPLINK Communications I...
TXP1XGGI2XX-S0120 OPLINK-TXP1XGGI2XX-S0120 Datasheet
517Kb / 9P
   Multi-rate 10-Gigabit DWDM 40km XFP Transceivers with Digital Diagnostics
logo
Optoway Technology Inc
SPS-2341MW-DXXG OPTOWAY-SPS-2341MW-DXXG Datasheet
200Kb / 7P
   40km / DWDM / 10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2341MW-D21G OPTOWAY-SPS-2341MW-D21G_11 Datasheet
201Kb / 7P
   40km / 100GHz DWDM / 10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com