Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC239 Datasheet (PDF) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

BC239 Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Part # BC239
Download  BC239 Download

File Size   157.26 Kbytes
Page   2 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description TRANSISTOR (NPN)

BC239 Datasheet (PDF)

Go To PDF Page Download Datasheet
BC239 Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # BC239
Download  BC239 Click to download

File Size   157.26 Kbytes
Page   2 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description TRANSISTOR (NPN)

BC239 Datasheet (HTML) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

BC239 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BC239 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

BC239 Product details

FEATURES
   Power dissipation
     PCM: 0.35 W (Tamb=25℃)
   Collector current
     ICM: 0.1 A
   Collector-base voltage
     V(BR)CBO: BC237 50V
                         BC238/239 30V
   Operating and storage junction temperature range
     TJ,Tstg: -55℃ to +150℃




Similar Part No. - BC239

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC239 MOTOROLA-BC239 Datasheet
112Kb / 4P
   Amplifier Transistors
logo
ARTSCHIP ELECTRONICS CO...
BC239 ARTSCHIP-BC239 Datasheet
181Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
ON Semiconductor
BC239 ONSEMI-BC239 Datasheet
83Kb / 4P
   Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
List of Unclassifed Man...
BC239 ETC2-BC239 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Fairchild Semiconductor
BC239 FAIRCHILD-BC239 Datasheet
45Kb / 4P
   NPN EPITAXIAL SILICON TRANSISTOR
More results


Similar Description - BC239

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
   DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
   DUAL TRANSISTOR (NPNNPN)
logo
Jiangsu Changjiang Elec...
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
   DUAL TRANSISTOR(NPNNPN)
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
   DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
   DUAL TRANSISTOR(NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX18N JIANGSU-UMX18N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com