Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8805CEGT Datasheet (PDF) - Analog Microelectronics

AME8805CEGT Datasheet PDF - Analog Microelectronics
Part # AME8805CEGT
Download  AME8805CEGT Download

File Size   88.85 Kbytes
Page   11 Pages
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics
Description 600mA CMOS LDO

AME8805CEGT Datasheet (PDF)

Go To PDF Page Download Datasheet
AME8805CEGT Datasheet PDF - Analog Microelectronics

Part # AME8805CEGT
Download  AME8805CEGT Click to download

File Size   88.85 Kbytes
Page   11 Pages
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics
Description 600mA CMOS LDO

AME8805CEGT Datasheet (HTML) - Analog Microelectronics

Back Button AME8805CEGT Datasheet HTML 1Page - Analog Microelectronics AME8805CEGT Datasheet HTML 2Page - Analog Microelectronics AME8805CEGT Datasheet HTML 3Page - Analog Microelectronics AME8805CEGT Datasheet HTML 4Page - Analog Microelectronics AME8805CEGT Datasheet HTML 5Page - Analog Microelectronics AME8805CEGT Datasheet HTML 6Page - Analog Microelectronics AME8805CEGT Datasheet HTML 7Page - Analog Microelectronics AME8805CEGT Datasheet HTML 8Page - Analog Microelectronics AME8805CEGT Datasheet HTML 9Page - Analog Microelectronics AME8805CEGT Datasheet HTML 10Page - Analog Microelectronics Next Button 

AME8805CEGT Product details

■ General Description

The AME8805/8813 family of positive, linear regulators feature low quiescent current (30mA typ.) with low drop out voltage, making them ideal for battery applications. The space-saving SOT-89, SOT-223 and SOT-23 pack ages are attractive for "Pocket" and "Hand Held" applications.



■ Features

• Very Low Dropout Voltage

• Guaranteed 600mA Output

• Accurate to within 1.5%

• 30mA Quiescent Current

• Over-Temperature Shutdown

• Current Limiting

• Short Circuit Current Fold-back

• Space-Saving SOT-89, SOT-223, SOT-23

• Factory Pre-set Output Voltages

• Low Temperature Coefficient

• Green Products Meet RoHS Standards



■ Applications

• Instrumentation

• Portable Electronics

• Wireless Devices

• Cordless Phones

• PC Peripherals

• Battery Powered Widgets

• Electronic Scales



 




Similar Part No. - AME8805CEGT

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8805CEGT AME-AME8805CEGT Datasheet
180Kb / 12P
   600mA CMOS LDO
AME8805CEGTZ AME-AME8805CEGTZ Datasheet
188Kb / 17P
   600mA CMOS LDO
More results


Similar Description - AME8805CEGT

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8806 AME-AME8806_06 Datasheet
245Kb / 18P
   600mA CMOS LDO
AME8805 AME-AME8805_12 Datasheet
188Kb / 17P
   600mA CMOS LDO
logo
Asahi Kasei Microsystem...
AME8863 AKM-AME8863 Datasheet
108Kb / 12P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8841 AME-AME8841_08 Datasheet
201Kb / 14P
   600mA CMOS LDO
logo
List of Unclassifed Man...
CM2862 ETC1-CM2862 Datasheet
190Kb / 9P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8841 AME-AME8841_06 Datasheet
155Kb / 14P
   600mA CMOS LDO
AME8806 AME-AME8806 Datasheet
89Kb / 12P
   600mA CMOS LDO
AME8805 AME-AME8805 Datasheet
180Kb / 12P
   600mA CMOS LDO
logo
Unisonic Technologies
L1186 UTC-L1186_15 Datasheet
239Kb / 7P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8807 AME-AME8807_07 Datasheet
188Kb / 15P
   600mA CMOS LDO
AME8850 AME-AME8850 Datasheet
196Kb / 19P
   600mA CMOS LDO
More results




About Analog Microelectronics


Analog Microelectronics is a semiconductor company that designs and manufactures integrated circuits (ICs) for a wide range of applications. The company was founded in 1993 and is headquartered in Mainz, Germany.

Analog Microelectronics' product portfolio includes sensors, sensor interfaces, and signal conditioning ICs. These products are used in a variety of applications, including automotive, industrial, medical, and consumer electronics.

Analog Microelectronics is known for its expertise in sensor technology and signal conditioning, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Analog Microelectronics also offers custom design and engineering services to meet the specific needs of its customers.

Analog Microelectronics has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable IC solutions that meet the evolving needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com