Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A64S0616G-85 Datasheet (PDF) - AMIC Technology

A64S0616G-85 Datasheet PDF - AMIC Technology
Part # A64S0616G-85
Download  A64S0616G-85 Download

File Size   171.57 Kbytes
Page   15 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 1M X 16 Bit Low Voltage Super RAM

A64S0616G-85 Datasheet (PDF)

Go To PDF Page Download Datasheet
A64S0616G-85 Datasheet PDF - AMIC Technology

Part # A64S0616G-85
Download  A64S0616G-85 Click to download

File Size   171.57 Kbytes
Page   15 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 1M X 16 Bit Low Voltage Super RAM

A64S0616G-85 Datasheet (HTML) - AMIC Technology

Back Button A64S0616G-85 Datasheet HTML 1Page - AMIC Technology A64S0616G-85 Datasheet HTML 2Page - AMIC Technology A64S0616G-85 Datasheet HTML 3Page - AMIC Technology A64S0616G-85 Datasheet HTML 4Page - AMIC Technology A64S0616G-85 Datasheet HTML 5Page - AMIC Technology A64S0616G-85 Datasheet HTML 6Page - AMIC Technology A64S0616G-85 Datasheet HTML 7Page - AMIC Technology A64S0616G-85 Datasheet HTML 8Page - AMIC Technology A64S0616G-85 Datasheet HTML 9Page - AMIC Technology A64S0616G-85 Datasheet HTML 10Page - AMIC Technology Next Button 

A64S0616G-85 Product details

General Description
The A64S0616 is a low operating current 16,777,216-bit Super RAM organized as 1,048,576 words by 16 bits and operates on low power supply voltage from 2.7V to 3.1V. It is built using AMIC’s high performance CMOS DRAM process.
Using hidden refresh technique, the A64S0616 provides a 100% compatible asynchronous interface.
Inputs and three-state outputs are TTL compatible and allow for direct interfacing with common system bus structures. The chip enable input is provided for POWER-DOWN, device enable. Two byte enable inputs and an output enable input are included for easy interfacing.
This A64S0616 is suited for low power application such as mobile phone and PDA or other battery-operated handheld device.

Features
■ Operating voltage: 2.7V to 3.1V
■ Access times: 70 ns (max.)
■ Current:
   A64S0616 series:
      Operating: 35mA (max.)
      Power Down Standby: 10mA (max.)
■ Fully SRAM compatible operation
■ Full static operation, no clock or refreshing required
■ All inputs and outputs are directly TTL-compatible
■ Common I/O using three-state output
■ Industrial operating temperature range: -25°C to +85°C for -I
■ Available in 48-ball Mini BGA (6X8) package.




Similar Part No. - A64S0616G-85

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A64S0616G-70I AMICC-A64S0616G-70I Datasheet
235Kb / 16P
   2M X 16 Bit Low Voltage Super RAM
More results


Similar Description - A64S0616G-85

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A64E06161 AMICC-A64E06161 Datasheet
310Kb / 20P
   1M X 16 Bit Low Voltage Super RAM
A64E06161 AMICC-A64E06161 Datasheet
284Kb / 20P
   1M X 16 Bit Low Voltage Super RAM
logo
FIDELIX
FMP1617DAX FIDELIX-FMP1617DAX Datasheet
163Kb / 11P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CC0 FIDELIX-FMP1617CC0 Datasheet
207Kb / 10P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP1617BAX-E FIDELIX-CMP1617BAX-E Datasheet
220Kb / 12P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CAX FIDELIX-FMP1617CAX Datasheet
220Kb / 12P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CCX FIDELIX-FMP1617CCX Datasheet
220Kb / 12P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CA0 FIDELIX-FMP1617CA0 Datasheet
207Kb / 10P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617DCX FIDELIX-FMP1617DCX Datasheet
160Kb / 11P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
logo
AMIC Technology
A64S16161 AMICC-A64S16161 Datasheet
235Kb / 16P
   2M X 16 Bit Low Voltage Super RAM
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com