Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA10001S3C Datasheet (PDF) - ANADIGICS, Inc

ADA10001S3C Datasheet PDF - ANADIGICS, Inc
Part # ADA10001S3C
Download  ADA10001S3C Download

File Size   200.64 Kbytes
Page   8 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description Linear Amplifier MMIC

ADA10001S3C Datasheet (PDF)

Go To PDF Page Download Datasheet
ADA10001S3C Datasheet PDF - ANADIGICS, Inc

Part # ADA10001S3C
Download  ADA10001S3C Click to download

File Size   200.64 Kbytes
Page   8 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description Linear Amplifier MMIC

ADA10001S3C Datasheet (HTML) - ANADIGICS, Inc

ADA10001S3C Datasheet HTML 1Page - ANADIGICS, Inc ADA10001S3C Datasheet HTML 2Page - ANADIGICS, Inc ADA10001S3C Datasheet HTML 3Page - ANADIGICS, Inc ADA10001S3C Datasheet HTML 4Page - ANADIGICS, Inc ADA10001S3C Datasheet HTML 5Page - ANADIGICS, Inc ADA10001S3C Datasheet HTML 6Page - ANADIGICS, Inc ADA10001S3C Datasheet HTML 7Page - ANADIGICS, Inc ADA10001S3C Datasheet HTML 8Page - ANADIGICS, Inc

ADA10001S3C Product details

PRODUCT DESCRIPTION
The ADA10001 is a monolithic IC intended for use in applications requiring high linearity, such as Cellular Telephone Base Station Driver Amplifiers, CATV Fiber Receiver and Distribution Amplifiers and CATV Drop Amplifiers. Offered in a modified 16 lead surface mount SOIC package, it is well suited for use in amplifiers where small size, reduced component count, and high reliability are important.

FEATURES
• High Linearity: +18 dBm IIP3
• Low Noise Figure: 2.0 dB
• Single Supply: +8 VDC
• Wide Bandwidth: 50 MHz to 1 GHz
• RoHS-Compliant Package Option

APPLICATIONS
• Driver Amplifier
• CATV - Distribution / Drop Amplifiers




Similar Part No. - ADA10001S3C

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ADA10001 ANADIGICS-ADA10001 Datasheet
124Kb / 8P
   Linear Amplifier MMIC
More results


Similar Description - ADA10001S3C

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ADA10001 ANADIGICS-ADA10001 Datasheet
124Kb / 8P
   Linear Amplifier MMIC
ADA10000S3C ANADIGICS-ADA10000S3C Datasheet
213Kb / 4P
   Linear Amplifier MMIC
logo
Advanced Semiconductor ...
ASL560 ASB-ASL560 Datasheet
885Kb / 12P
   Wideband Linear Amplifier MMIC
June 2017
ASL330 ASB-ASL330_17 Datasheet
637Kb / 10P
   Wideband Linear Amplifier MMIC
June 2017
ASL330 ASB-ASL330 Datasheet
710Kb / 8P
   Wideband Linear Amplifier MMIC
September 2011
ASL31C ASB-ASL31C Datasheet
324Kb / 5P
   Wideband Linear Amplifier MMIC
August 2012
ASL390 ASB-ASL390 Datasheet
500Kb / 7P
   Wideband Linear Amplifier MMIC
August 2012
ASL580 ASB-ASL580 Datasheet
453Kb / 8P
   Wideband Linear Amplifier MMIC
October 2012
ASL550 ASB-ASL550_17 Datasheet
1Mb / 26P
   Wideband Linear Amplifier MMIC
June 2017
logo
ANADIGICS, Inc
ABA3100 ANADIGICS-ABA3100 Datasheet
573Kb / 8P
   Balanced Linear Amplifier MMIC
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com