Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM29LV640DH90RPCE Datasheet (PDF) - Advanced Micro Devices

AM29LV640DH90RPCE Datasheet PDF - Advanced Micro Devices
Part # AM29LV640DH90RPCE
Download  AM29LV640DH90RPCE Download

File Size   1467.39 Kbytes
Page   57 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description 64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI Control

AM29LV640DH90RPCE Datasheet (PDF)

Go To PDF Page Download Datasheet
AM29LV640DH90RPCE Datasheet PDF - Advanced Micro Devices

Part # AM29LV640DH90RPCE
Download  AM29LV640DH90RPCE Click to download

File Size   1467.39 Kbytes
Page   57 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description 64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI Control

AM29LV640DH90RPCE Datasheet (HTML) - Advanced Micro Devices

Back Button AM29LV640DH90RPCE Datasheet HTML 1Page - Advanced Micro Devices AM29LV640DH90RPCE Datasheet HTML 2Page - Advanced Micro Devices AM29LV640DH90RPCE Datasheet HTML 3Page - Advanced Micro Devices AM29LV640DH90RPCE Datasheet HTML 4Page - Advanced Micro Devices AM29LV640DH90RPCE Datasheet HTML 5Page - Advanced Micro Devices AM29LV640DH90RPCE Datasheet HTML 6Page - Advanced Micro Devices AM29LV640DH90RPCE Datasheet HTML 7Page - Advanced Micro Devices AM29LV640DH90RPCE Datasheet HTML 8Page - Advanced Micro Devices AM29LV640DH90RPCE Datasheet HTML 9Page - Advanced Micro Devices AM29LV640DH90RPCE Datasheet HTML 10Page - Advanced Micro Devices Next Button 

AM29LV640DH90RPCE Product details

GENERAL DESCRIPTION
The Am29LV640DU/Am29LV641DU is a 64 Mbit, 3.0 Volt (3.0 V to 3.6 V) single power supply flash memory devices organized as 4,194,304 words. Data appears on DQ0-DQ15. The device is designed to be programmed in-system with the standard system 3.0 volt VCC supply. A 12.0 volt VPP is not required for programor erase operations. The device can also be pro grammed in standard EPROM programmers.

DISTINCTIVE CHARACTERISTICS
■ Single power supply operation
   — 3.0 to 3.6 volt read, erase, and program operations
■ VersatileIO control
   — Device generates output voltages and tolerates data
      input voltages on the DQ input/ouputs as determined
      by the voltage on VIO
■ High performance
   — Access times as fast as 90 ns
■ Manufactured on 0.23 µm process technology
■ CFI (Common Flash Interface) compliant
   — Provides device-specific information to the system,
      allowing host software to easily reconfigure for
      different Flash devices
■ SecSi (Secured Silicon) Sector region
   — 128-word sector for permanent, secure identification
      through an 8-word random Electronic Serial Number
   — May be programmed and locked at the factory or by
      the customer
   — Accessible through a command sequence
■ Ultra low power consumption (typical values at 3.0 V, 5 MHz)
   — 9 mA typical active read current
   — 26 mA typical erase/program current
   — 200 nA typical standby mode current
■ Flexible sector architecture
   — One hundred twenty-eight 32 Kword sectors
■ Sector Protection
   — A hardware method to lock a sector to prevent
      program or erase operations within that sector
   — Sectors can be locked in-system or via programming
      equipment
   — Temporary Sector Unprotect feature allows code
      changes in previously locked sectors
■ Embedded Algorithms
   — Embedded Erase algorithm automatically
      preprograms and erases the entire chip or any
      combination of designated sectors
   — Embedded Program algorithm automatically writes
      and verifies data at specified addresses
■ Compatibility with JEDEC standards
   — Pinout and software compatible with single-power
      supply Flash
   — Superior inadvertent write protection
■ Minimum 1 million erase cycle guarantee per sector
■ Package options
   — 48-pin TSOP (Am29LV641DH/DL only)
   — 56-pin SSOP (Am29LV640DH/DL only)
   — 63-ball Fine-Pitch BGA (Am29LV640DU only)
   — 64-ball Fortified BGA (Am29LV640DU only) (Continue...)




Similar Part No. - AM29LV640DH90RPCE

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV640DH90RZF AMD-AM29LV640DH90RZF Datasheet
1Mb / 57P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO??Control
AM29LV640DH90RZI AMD-AM29LV640DH90RZI Datasheet
1Mb / 57P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO??Control
More results


Similar Description - AM29LV640DH90RPCE

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM29LV641G SPANSION-AM29LV641G Datasheet
1Mb / 55P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
logo
Advanced Micro Devices
AM29LV641G AMD-AM29LV641G Datasheet
1Mb / 55P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV641MH AMD-AM29LV641MH Datasheet
1Mb / 60P
   64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV640MU AMD-AM29LV640MU_02 Datasheet
1Mb / 54P
   64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV640MU AMD-AM29LV640MU_07 Datasheet
1Mb / 59P
   64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
SPANSION
AM29LV641MH SPANSION-AM29LV641MH Datasheet
1Mb / 60P
   64 Megabit (4 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
logo
Advanced Micro Devices
AM29LV640D AMD-AM29LV640D_07 Datasheet
1Mb / 57P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO??Control
AM29LV642D AMD-AM29LV642D Datasheet
986Kb / 53P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV642D AMD-AM29LV642D_06 Datasheet
1Mb / 54P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV640MU AMD-AM29LV640MU Datasheet
1Mb / 58P
   64 Megabit (4 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with
More results




About Advanced Micro Devices


Advanced Micro Devices, Inc. (AMD) is an American multinational semiconductor company based in Santa Clara, California.
It is a leading producer of microprocessors, graphics processors, and computer systems for the consumer, commercial, and professional markets.
AMD is known for its competitive CPU offerings, including the Ryzen and Epyc processor lines, as well as its Radeon graphics products.
Founded in 1969, AMD has a long history in the tech industry and has been a major player in the PC and server markets.
In recent years, the company has expanded its product offerings to address the growing demand for computing power in data centers, gaming, and artificial intelligence.
With a focus on innovation and advanced technology, AMD aims to deliver high-performance computing solutions to its customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com