Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W40S11-23 Datasheet (PDF) - Cypress Semiconductor

W40S11-23 Datasheet PDF - Cypress Semiconductor
Part # W40S11-23
Download  W40S11-23 Download

File Size   213.47 Kbytes
Page   11 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Clock Buffer/Driver

W40S11-23 Datasheet (PDF)

Go To PDF Page Download Datasheet
W40S11-23 Datasheet PDF - Cypress Semiconductor

Part # W40S11-23
Download  W40S11-23 Click to download

File Size   213.47 Kbytes
Page   11 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Clock Buffer/Driver

W40S11-23 Datasheet (HTML) - Cypress Semiconductor

Back Button W40S11-23 Datasheet HTML 1Page - Cypress Semiconductor W40S11-23 Datasheet HTML 2Page - Cypress Semiconductor W40S11-23 Datasheet HTML 3Page - Cypress Semiconductor W40S11-23 Datasheet HTML 4Page - Cypress Semiconductor W40S11-23 Datasheet HTML 5Page - Cypress Semiconductor W40S11-23 Datasheet HTML 6Page - Cypress Semiconductor W40S11-23 Datasheet HTML 7Page - Cypress Semiconductor W40S11-23 Datasheet HTML 8Page - Cypress Semiconductor W40S11-23 Datasheet HTML 9Page - Cypress Semiconductor W40S11-23 Datasheet HTML 10Page - Cypress Semiconductor Next Button 

W40S11-23 Product details

Overview
The Cypress W40S11-23 is a low-voltage, thirteen-output clock buffer. Output buffer impedance is approximately 15Ω, which is ideal for driving SDRAM DIMMs.

Features
• Thirteen skew-controlled CMOS clock outputs (SDRAM0:12)
• Supports three SDRAM DIMMs
• Ideal for high-performance systems designed around Intel’s latest chip set
• SMBus serial configuration interface
• Clock Skew between any two outputs is less than 250 ps
• 1- to 5-ns propagation delay
• DC to 133-MHz operation
• Single 3.3V supply voltage
• Low power CMOS design packaged in a 28-pin, 300-mil SOIC (Small Outline Integrated Circuit), 28-pin, 173-mil (Thin Shrink Small Outline Package), and 28-pin, 209-mil SSOP (Small Shrink Outline Package)




Similar Part No. - W40S11-23

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W40S11-23 CYPRESS-W40S11-23 Datasheet
124Kb / 9P
   Clock Buffer/Driver
W40S11-23 CYPRESS-W40S11-23 Datasheet
193Kb / 11P
   Clock Buffer/Driver
W40S11-23 CYPRESS-W40S11-23_01 Datasheet
193Kb / 11P
   Clock Buffer/Driver
More results


Similar Description - W40S11-23

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK3805 ICST-MK3805 Datasheet
122Kb / 6P
   Buffer/Clock Driver
logo
Cypress Semiconductor
W40S11-23 CYPRESS-W40S11-23_01 Datasheet
193Kb / 11P
   Clock Buffer/Driver
logo
Integrated Device Techn...
MK3807-01 IDT-MK3807-01 Datasheet
170Kb / 7P
   BUFFER/CLOCK DRIVER
logo
Renesas Technology Corp
ICSLV810 RENESAS-ICSLV810 Datasheet
479Kb / 15P
   BUFFER/CLOCK DRIVER
2019
logo
Integrated Device Techn...
LV810FILF IDT-LV810FILF Datasheet
304Kb / 14P
   BUFFER/CLOCK DRIVER
logo
Cypress Semiconductor
W40S11-23 CYPRESS-W40S11-23 Datasheet
124Kb / 9P
   Clock Buffer/Driver
logo
Renesas Technology Corp
MK3807-01 RENESAS-MK3807-01 Datasheet
317Kb / 8P
   BUFFER/CLOCK DRIVER
051310
MK3805 RENESAS-MK3805 Datasheet
333Kb / 8P
   BUFFER/CLOCK DRIVER
051310
logo
Integrated Circuit Syst...
ICSLV810 ICST-ICSLV810 Datasheet
243Kb / 12P
   Buffer/Clock Driver
logo
SpectraLinear Inc
CY2SSTV855 SPECTRALINEAR-CY2SSTV855 Datasheet
93Kb / 6P
   Differential Clock Buffer/Driver
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com