Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5253BRU10 Datasheet (PDF) - Analog Devices

AD5253BRU10 Datasheet PDF - Analog Devices
Part # AD5253BRU10
Download  AD5253BRU10 Download

File Size   576.74 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers

AD5253BRU10 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5253BRU10 Datasheet PDF - Analog Devices

Part # AD5253BRU10
Download  AD5253BRU10 Click to download

File Size   576.74 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers

AD5253BRU10 Datasheet (HTML) - Analog Devices

Back Button AD5253BRU10 Datasheet HTML 1Page - Analog Devices AD5253BRU10 Datasheet HTML 2Page - Analog Devices AD5253BRU10 Datasheet HTML 3Page - Analog Devices AD5253BRU10 Datasheet HTML 4Page - Analog Devices AD5253BRU10 Datasheet HTML 5Page - Analog Devices AD5253BRU10 Datasheet HTML 6Page - Analog Devices AD5253BRU10 Datasheet HTML 7Page - Analog Devices AD5253BRU10 Datasheet HTML 8Page - Analog Devices AD5253BRU10 Datasheet HTML 9Page - Analog Devices AD5253BRU10 Datasheet HTML 10Page - Analog Devices Next Button 

AD5253BRU10 Product details

GENERAL DESCRIPTION

The AD5253/AD5254 are quad channel, I2C, nonvolatile memory, digitally controlled potentiometers with 64/256 positions, respectively. These devices perform the same electronic adjust ment functions as mechanical potentiometers, trimmers, and variable resistors.



FEATURES

AD5253: Quad 64-position resolution

AD5254: Quad 256-position resolution

1 kΩ, 10 kΩ, 50 kΩ, 100 kΩ

Nonvolatile memory1 stores wiper settings with write protection

Power-on refreshed to EEMEM settings in 300 µs typ

EEMEM rewrite time = 540 µs typ

Resistance tolerance stored in nonvolatile memory

12 extra bytes in EEMEM for user-defined information

I2C® compatible serial interface

Direct read/write accesses of RDAC2 and EEMEM registers

Predefined linear increment/decrement commands

Predefined ±6 dB step change commands

Synchronous or asynchronous quad channel update

Wiper setting readback

4 MHz bandwidth—1 kΩ version

Single supply 2.7 V to 5.5 V

Dual supply ±2.25 V to ±2.75 V

2 slave address decoding bits allow operation of 4 devices

100-year typical data retention, TA = 55°C

Operating temperature: –40°C to +85°C



APPLICATIONS

Mechanical potentiometer replacement

Low resolution DAC replacement

RGB LED backlight control

White LED brightness adjustment

RF base station power amp bias control

Programmable gain and offset control

Programmable attenuators

Programmable voltage-to-current conversion

Programmable power supply

Programmable filters

Sensor calibrations




Similar Part No. - AD5253BRU10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5253BRU10 AD-AD5253BRU10 Datasheet
834Kb / 28P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5253BRU10 AD-AD5253BRU10 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5253BRU10-RL7 AD-AD5253BRU10-RL7 Datasheet
834Kb / 28P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5253BRU10-RL7 AD-AD5253BRU10-RL7 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5253BRU100 AD-AD5253BRU100 Datasheet
834Kb / 28P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
More results


Similar Description - AD5253BRU10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5253 AD-AD5253_12 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5253 AD-AD5253 Datasheet
834Kb / 28P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5251 AD-AD5251 Datasheet
566Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
AD5251 AD-AD5251_12 Datasheet
575Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. D
AD5254 AD-AD5254_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5253 AD-AD5253_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5252 AD-AD5252 Datasheet
859Kb / 28P
   Dual 64-and 256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5251 AD-AD5251_15 Datasheet
575Kb / 28P
   Dual 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. D
AD5252 AD-AD5252_15 Datasheet
575Kb / 28P
   Dual 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. D
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com