Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3266W-1-502RLF Datasheet (PDF) - Bourns Electronic Solutions

3266W-1-502RLF Datasheet PDF - Bourns Electronic Solutions
Part # 3266W-1-502RLF
Download  3266W-1-502RLF Download

File Size   346.99 Kbytes
Page   2 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description Square Trimpot짰 Trimming Potentiometer

3266W-1-502RLF Datasheet (PDF)

Go To PDF Page Download Datasheet
3266W-1-502RLF Datasheet PDF - Bourns Electronic Solutions

Part # 3266W-1-502RLF
Download  3266W-1-502RLF Click to download

File Size   346.99 Kbytes
Page   2 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description Square Trimpot짰 Trimming Potentiometer

3266W-1-502RLF Datasheet (HTML) - Bourns Electronic Solutions

3266W-1-502RLF Datasheet HTML 1Page - Bourns Electronic Solutions 3266W-1-502RLF Datasheet HTML 2Page - Bourns Electronic Solutions



Similar Part No. - 3266W-1-502RLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3266W-1-502RLF BOURNS-3266W-1-502RLF Datasheet
156Kb / 2P
   Square Trimming Potentiometer
More results


Similar Description - 3266W-1-502RLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3290 BOURNS-3290 Datasheet
176Kb / 1P
   Square Trimpot짰 Trimming Potentiometer
3252 BOURNS-3252 Datasheet
117Kb / 1P
   1/2 ??Square Trimpot짰 Trimming Potentiometer
3299W-1-103LF BOURNS-3299W-1-103LF_10 Datasheet
154Kb / 1P
   3/8 Square Trimpot짰 Trimming Potentiometer
3292 BOURNS-3292 Datasheet
149Kb / 1P
   3/8 ??Square Trimpot짰 Trimming Potentiometer
3250 BOURNS-3250_12 Datasheet
138Kb / 1P
   1/2 ??Square Trimpot짰 Trimming Potentiometer
3314J-1-201E BOURNS-3314J-1-201E Datasheet
587Kb / 4P
   3314 - 4 mm Square Trimpot짰 Trimming Potentiometer
3296X-1-203 BOURNS-3296X-1-203 Datasheet
183Kb / 2P
   3296 - 3/8 ??Square Trimpot짰 Trimming Potentiometer
3362P-1-201LF BOURNS-3362P-1-201LF Datasheet
356Kb / 2P
   3362 - 1/4 ??Square Trimpot짰 Trimming Potentiometer
3314J-1-102E BOURNS-3314J-1-102E Datasheet
587Kb / 4P
   3314 - 4 mm Square Trimpot짰 Trimming Potentiometer
3314J-1-500E BOURNS-3314J-1-500E Datasheet
587Kb / 4P
   3314 - 4 mm Square Trimpot짰 Trimming Potentiometer
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com