Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC12F635 Datasheet (PDF) - Microchip Technology

PIC12F635 Datasheet PDF - Microchip Technology
Part # PIC12F635
Download  PIC12F635 Download

File Size   2869.14 Kbytes
Page   234 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology

PIC12F635 Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC12F635 Datasheet PDF - Microchip Technology

Part # PIC12F635
Download  PIC12F635 Click to download

File Size   2869.14 Kbytes
Page   234 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology

PIC12F635 Datasheet (HTML) - Microchip Technology

Back Button PIC12F635 Datasheet HTML 1Page - Microchip Technology PIC12F635 Datasheet HTML 2Page - Microchip Technology PIC12F635 Datasheet HTML 3Page - Microchip Technology PIC12F635 Datasheet HTML 4Page - Microchip Technology PIC12F635 Datasheet HTML 5Page - Microchip Technology PIC12F635 Datasheet HTML 6Page - Microchip Technology PIC12F635 Datasheet HTML 7Page - Microchip Technology PIC12F635 Datasheet HTML 8Page - Microchip Technology PIC12F635 Datasheet HTML 9Page - Microchip Technology PIC12F635 Datasheet HTML 10Page - Microchip Technology Next Button 

PIC12F635 Product details

DEVICE OVERVIEW
This document contains device specific information for the PIC12F635/PIC16F636/639 devices.
   
High-Performance RISC CPU:
• Only 35 instructions to learn:
    - All single-cycle instructions except branches
• Operating speed:
    - DC – 20 MHz oscillator/clock input
    - DC – 200 ns instruction cycle
• Interrupt capability
• 8-level deep hardware stack
• Direct, Indirect and Relative Addressing modes
   
Special Microcontroller Features:
• Precision Internal Oscillator:
    - Factory calibrated to ±1%, typical
    - Software selectable frequency range of 8 MHz to 125 kHz
    - Software tunable
    - Two-Speed Start-up mode
    - Crystal fail detect for critical applications
    - Clock mode switching during operation for power savings
• Clock mode switching for low-power operation
• Power-Saving Sleep mode
• Wide operating voltage range (2.0V-5.5V)
• Industrial and Extended Temperature range
• Power-on Reset (POR)
• Wake-up Reset (WUR)
• Independent weak pull-up/pull-down resistors
• Programmable Low-Voltage Detect (PLVD)
• Power-up Timer (PWRT) and Oscillator Start-up Timer (OST)
• Brown-out Reset (BOR) with software control option
• Enhanced Low-Current Watchdog Timer (WDT) with on-chip oscillator (software selectable nominal 268 seconds with full prescaler) with software enable
• Multiplexed Master Clear with pull-up/input pin
• Programmable code protection (program and data independent)
• High-Endurance Flash/EEPROM cell:
    - 100,000 write Flash endurance
    - 1,000,000 write EEPROM endurance
    - Flash/Data EEPROM Retention: > 40 years
   
Low-Power Features:
• Standby Current:
    - 1 nA @ 2.0V, typical
• Operating Current:
    - 8.5 μA @ 32 kHz, 2.0V, typical
    - 100 μA @ 1 MHz, 2.0V, typical
• Watchdog Timer Current:
    - 1 μA @ 2.0V, typical (Continue ...)
   




Similar Part No. - PIC12F635

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12F635 MICROCHIP-PIC12F635 Datasheet
3Mb / 196P
   8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
2005
PIC12F635 MICROCHIP-PIC12F635 Datasheet
2Mb / 234P
   8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
12/08/06
PIC12F635 MICROCHIP-PIC12F635 Datasheet
782Kb / 78P
   Debug Header Specification
2006-2012
PIC12F635-E/MD MICROCHIP-PIC12F635-E/MD Datasheet
3Mb / 234P
   8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC12F635-E/MDQTP MICROCHIP-PIC12F635-E/MDQTP Datasheet
3Mb / 234P
   8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
More results


Similar Description - PIC12F635

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F636-I MICROCHIP-PIC16F636-I Datasheet
2Mb / 234P
   8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
12/08/06
PIC12F635 MICROCHIP-PIC12F635_07 Datasheet
3Mb / 234P
   8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC12F635 MICROCHIP-PIC12F635 Datasheet
3Mb / 196P
   8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
2005
PIC16F684 MICROCHIP-PIC16F684_07 Datasheet
3Mb / 192P
   14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC16F688-I MICROCHIP-PIC16F688-I Datasheet
3Mb / 204P
   14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
03/26/09
PIC16F688 MICROCHIP-PIC16F688_07 Datasheet
3Mb / 202P
   14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC16F684T-E MICROCHIP-PIC16F684T-E Datasheet
2Mb / 192P
   14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
12/08/06
PIC16F684 MICROCHIP-PIC16F684 Datasheet
2Mb / 164P
   14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2004
PIC16F688 MICROCHIP-PIC16F688 Datasheet
2Mb / 174P
   14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2004
PIC16F688 MICROCHIP-PIC16F688_09 Datasheet
3Mb / 204P
   14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2009
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com