Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS5045B-ASSM Datasheet (PDF) - ams AG

AS5045B-ASSM Datasheet PDF - ams AG
Part # AS5045B-ASSM
Download  AS5045B-ASSM Download

File Size   393.29 Kbytes
Page   33 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 12-Bit Programmable Magnetic Position Sensor

AS5045B-ASSM Datasheet (PDF)

Go To PDF Page Download Datasheet
AS5045B-ASSM Datasheet PDF - ams AG

Part # AS5045B-ASSM
Download  AS5045B-ASSM Click to download

File Size   393.29 Kbytes
Page   33 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 12-Bit Programmable Magnetic Position Sensor

AS5045B-ASSM Datasheet (HTML) - ams AG

Back Button AS5045B-ASSM Datasheet HTML 1Page - ams AG AS5045B-ASSM Datasheet HTML 2Page - ams AG AS5045B-ASSM Datasheet HTML 3Page - ams AG AS5045B-ASSM Datasheet HTML 4Page - ams AG AS5045B-ASSM Datasheet HTML 5Page - ams AG AS5045B-ASSM Datasheet HTML 6Page - ams AG AS5045B-ASSM Datasheet HTML 7Page - ams AG AS5045B-ASSM Datasheet HTML 8Page - ams AG AS5045B-ASSM Datasheet HTML 9Page - ams AG AS5045B-ASSM Datasheet HTML 10Page - ams AG Next Button 

AS5045B-ASSM Product details

General Description

The AS5045B is a contact less magnetic position sensor for accurate angular measurement over a full turn of 360 degrees. It is a system-on-chip, combining integrated Hall elements, analog front end and digital signal processing in a single device. To measure the angle, only a simple two-pole magnet, rotating over the center of the chip, is required. The magnet can be placed above or below the IC.



Key Features

Contact less high resolution rotary position sensor over a full turn of 360 degrees

Two digital 12-bit absolute outputs:

       - Serial interface

       - Pulse width modulated (PWM) output

Quadrature A/B/I output 12-bit

User programmable zero position

Failure detection mode for magnet placement, monitoring, and loss of power supply

Red-Yellow-Green indicators display placement of magnet in Z axis

Serial read-out of multiple interconnected AS5045B devices using Daisy Chain mode

Tolerant to magnet misalignment and gap variations

Wide temperature range: - 40ºC to +125ºC

Small Pb-free package: SSOP 16 (5.3mm x 6.2mm)



Applications

The device is ideal for industrial applications like automatic or elevator doors, robotics, motor control and optical encoder replacement.




Similar Part No. - AS5045B-ASSM

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5045 AMSCO-AS5045 Datasheet
506Kb / 24P
   12 BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
AS5045 AMSCO-AS5045 Datasheet
1Mb / 34P
   12 Bit Programmable Magnetic Rotary Encoder
AS5045 AMSCO-AS5045 Datasheet
633Kb / 47P
   12-Bit Programmable Magnetic Rotary Position Sensor
2017-Jul-13
AS5045-ASSM AMSCO-AS5045-ASSM Datasheet
633Kb / 47P
   12-Bit Programmable Magnetic Rotary Position Sensor
2017-Jul-13
AS5045-ASST AMSCO-AS5045-ASST Datasheet
633Kb / 47P
   12-Bit Programmable Magnetic Rotary Position Sensor
2017-Jul-13
More results


Similar Description - AS5045B-ASSM

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5045 AMSCO-AS5045_V01 Datasheet
633Kb / 47P
   12-Bit Programmable Magnetic Rotary Position Sensor
2017-Jul-13
AS5600L AMSCO-AS5600L Datasheet
1Mb / 48P
   12-Bit Programmable On-Axis Magnetic Rotary Position Sensor
2020-May-14
AS5162 AMSCO-AS5162 Datasheet
1Mb / 37P
   12-Bit Magnetic Angle Position Sensor
logo
List of Unclassifed Man...
AS5262 ETC2-AS5262 Datasheet
1Mb / 36P
   12-Bit Magnetic Angle Position Sensor
logo
ams AG
AS5161 AMSCO-AS5161 Datasheet
1Mb / 36P
   12-Bit Magnetic Angle Position Sensor
logo
List of Unclassifed Man...
AS5161 ETC2-AS5161 Datasheet
1Mb / 35P
   12-Bit Magnetic Angle Position Sensor
logo
ams AG
AS5262 AMSCO-AS5262 Datasheet
1Mb / 37P
   12-Bit Magnetic Angle Position Sensor
AS5055A AMSCO-AS5055A Datasheet
646Kb / 31P
   Low Power 12-Bit Magnetic Position Sensor
AS5055A AMSCO-AS5055A_V01 Datasheet
464Kb / 31P
   Low Power 12-Bit Magnetic Position Sensor
2014-Oct-14
AS5132 AMSCO-AS5132_V01 Datasheet
1Mb / 40P
   360 Step (8.5 bit) Programmable High Speed Magnetic Position Sensor
2016-Jan-26
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com