Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25160-10PI Datasheet (PDF) - ATMEL Corporation

AT25160-10PI Datasheet PDF - ATMEL Corporation
Part # AT25160-10PI
Download  AT25160-10PI Download

File Size   172.05 Kbytes
Page   16 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description SPI Serial EEPROMs

AT25160-10PI Datasheet (PDF)

Go To PDF Page Download Datasheet
AT25160-10PI Datasheet PDF - ATMEL Corporation

Part # AT25160-10PI
Download  AT25160-10PI Click to download

File Size   172.05 Kbytes
Page   16 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description SPI Serial EEPROMs

AT25160-10PI Datasheet (HTML) - ATMEL Corporation

Back Button AT25160-10PI Datasheet HTML 1Page - ATMEL Corporation AT25160-10PI Datasheet HTML 2Page - ATMEL Corporation AT25160-10PI Datasheet HTML 3Page - ATMEL Corporation AT25160-10PI Datasheet HTML 4Page - ATMEL Corporation AT25160-10PI Datasheet HTML 5Page - ATMEL Corporation AT25160-10PI Datasheet HTML 6Page - ATMEL Corporation AT25160-10PI Datasheet HTML 7Page - ATMEL Corporation AT25160-10PI Datasheet HTML 8Page - ATMEL Corporation AT25160-10PI Datasheet HTML 9Page - ATMEL Corporation AT25160-10PI Datasheet HTML 10Page - ATMEL Corporation Next Button 

AT25160-10PI Product details

Description
The AT25080/160/320/640 provides 8192/16384/32768/65536 bits of serial electrically-erasable programmable read only memory (EEPROM) organized as 1024/2048/4096/8192 words of 8 bits each. The device is optimized for use in many industrial and commercial applications where low-power and low-voltage operation are essential. The AT25080/160/320/640 is available in space saving 8-lead PDIP, 8-lead JEDEC SOIC and 14-lead TSSOP packages

Features
• Serial Peripheral Interface (SPI) Compatible
• Supports SPI Modes 0 (0,0) and 3 (1,1)
• Low-voltage and Standard-voltage Operation
    – 2.7 (VCC = 2.7V to 5.5V)
    – 1.8 (VCC = 1.8V to 5.5V)
• 3.0 MHz Clock Rate (5V)
• 32-byte Page Mode
• Block Write Protection
    – Protect 1/4, 1/2, or Entire Array
• Write Protect (WP) Pin and Write Disable Instructions for both Hardware and Software Data Protection
• Self-timed Write Cycle (5 ms Typical)
• High-reliability
– Endurance: One Million Write Cycles
– Data Retention: 100 Years
• Automotive Grade Devices Available
• 8-lead PDIP, 8-lead JEDEC SOIC and 14-lead TSSOP Packages




Similar Part No. - AT25160-10PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25160-10PI-1.8 ATMEL-AT25160-10PI-1.8 Datasheet
331Kb / 21P
   SPI Serial EEPROMs
AT25160-10PI-2.7 ATMEL-AT25160-10PI-2.7 Datasheet
331Kb / 21P
   SPI Serial EEPROMs
More results


Similar Description - AT25160-10PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25010 ATMEL-AT25010_03 Datasheet
155Kb / 17P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256_06 Datasheet
414Kb / 21P
   SPI Serial EEPROMs
AT25080A ATMEL-AT25080A_07 Datasheet
448Kb / 24P
   SPI Serial EEPROMs
AT25010 ATMEL-AT25010 Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128 Datasheet
230Kb / 12P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256 Datasheet
178Kb / 15P
   SPI Serial EEPROMs
AT25128A ATMEL-AT25128A_05 Datasheet
437Kb / 21P
   SPI Serial EEPROMs
AT25640A ATMEL-AT25640A Datasheet
388Kb / 20P
   SPI Serial EEPROMs
AT25080 ATMEL-AT25080_03 Datasheet
331Kb / 21P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128_05 Datasheet
432Kb / 22P
   SPI Serial EEPROMs
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com