Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT27C256R-55 Datasheet (PDF) - ATMEL Corporation

AT27C256R-55 Datasheet PDF - ATMEL Corporation
Part # AT27C256R-55
Download  AT27C256R-55 Download

File Size   251.19 Kbytes
Page   9 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 256K 32K x 8 OTP CMOS EPROM

AT27C256R-55 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT27C256R-55 Datasheet PDF - ATMEL Corporation

Part # AT27C256R-55
Download  AT27C256R-55 Click to download

File Size   251.19 Kbytes
Page   9 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 256K 32K x 8 OTP CMOS EPROM

AT27C256R-55 Datasheet (HTML) - ATMEL Corporation

AT27C256R-55 Datasheet HTML 1Page - ATMEL Corporation AT27C256R-55 Datasheet HTML 2Page - ATMEL Corporation AT27C256R-55 Datasheet HTML 3Page - ATMEL Corporation AT27C256R-55 Datasheet HTML 4Page - ATMEL Corporation AT27C256R-55 Datasheet HTML 5Page - ATMEL Corporation AT27C256R-55 Datasheet HTML 6Page - ATMEL Corporation AT27C256R-55 Datasheet HTML 7Page - ATMEL Corporation AT27C256R-55 Datasheet HTML 8Page - ATMEL Corporation AT27C256R-55 Datasheet HTML 9Page - ATMEL Corporation

AT27C256R-55 Product details

Description
The AT27C256R is a low-power, high performance 262,144 bit one-time programmable read only memory (OTP EPROM) organized 32K by 8 bits. It requires only one 5V power supply in normal read mode operation. Any byte can be accessed in less than 45 ns, eliminating the need for speed reducing WAIT states on high performance microprocessor systems.

Features
• Fast Read Access Time - 45 ns
• Low Power CMOS Operation
    100 µA max. Standby
    20 mA max. Active at 5 MHz
• JEDEC Standard Packages
    28-Lead 600-mil PDIP
    32-Lead PLCC
    28-Lead TSOP and SOIC
• 5V ± 10% Supply
• High Reliability CMOS Technology
    2,000V ESD Protection
    200 mA Latchup Immunity
• Rapid™ Programming Algorithm - 100 µs/byte (typical)
• CMOS and TTL Compatible Inputs and Outputs
• Integrated Product Identification Code
• Commercial and Industrial Temperature Ranges




Similar Part No. - AT27C256R-55

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C256R-45JI ATMEL-AT27C256R-45JI Datasheet
415Kb / 15P
   256K (32K x 8) OTP EPROM
AT27C256R-45JU ATMEL-AT27C256R-45JU Datasheet
889Kb / 13P
   256K (32K x 8) One-time Programmable, Read-only Memory
AT27C256R-45PI ATMEL-AT27C256R-45PI Datasheet
415Kb / 15P
   256K (32K x 8) OTP EPROM
AT27C256R-45RI ATMEL-AT27C256R-45RI Datasheet
415Kb / 15P
   256K (32K x 8) OTP EPROM
AT27C256R-45TI ATMEL-AT27C256R-45TI Datasheet
415Kb / 15P
   256K (32K x 8) OTP EPROM
More results


Similar Description - AT27C256R-55

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R_07 Datasheet
415Kb / 15P
   256K (32K x 8) OTP EPROM
AT27LV256A ATMEL-AT27LV256A Datasheet
221Kb / 9P
   256K 32K x 8 Low Voltage OTP CMOS EPROM
logo
Maxwell Technologies
27C256T MAXWELL-27C256T Datasheet
126Kb / 14P
   256K (32K x 8-Bit) OTP EPROM
logo
AMIC Technology
A27020 AMICC-A27020_15 Datasheet
138Kb / 14P
   256K X 8 OTP CMOS EPROM
logo
Microchip Technology
27C256 MICROCHIP-27C256_04 Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
logo
AMIC Technology
A27020 AMICC-A27020 Datasheet
170Kb / 14P
   256K X 8 OTP CMOS EPROM
A27020A AMICC-A27020A Datasheet
175Kb / 14P
   256K X 8 OTP CMOS EPROM
A278308 AMICC-A278308 Datasheet
252Kb / 14P
   256K X 8 OTP CMOS EPROM
A278308A AMICC-A278308A Datasheet
173Kb / 14P
   256K X 8 OTP CMOS EPROM
logo
Microchip Technology
27C256 MICROCHIP-27C256 Datasheet
67Kb / 12P
   256K (32K x 8) CMOS EPROM
1996
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com