Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49BV008A Datasheet (PDF) - ATMEL Corporation

AT49BV008A Datasheet PDF - ATMEL Corporation
Part # AT49BV008A
Download  AT49BV008A Download

File Size   246.47 Kbytes
Page   16 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-Megabit 1M x 8/ 512K x 16 CMOS Flash Memory

AT49BV008A Datasheet (PDF)

Go To PDF Page Download Datasheet
AT49BV008A Datasheet PDF - ATMEL Corporation

Part # AT49BV008A
Download  AT49BV008A Click to download

File Size   246.47 Kbytes
Page   16 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-Megabit 1M x 8/ 512K x 16 CMOS Flash Memory

AT49BV008A Datasheet (HTML) - ATMEL Corporation

Back Button AT49BV008A Datasheet HTML 1Page - ATMEL Corporation AT49BV008A Datasheet HTML 2Page - ATMEL Corporation AT49BV008A Datasheet HTML 3Page - ATMEL Corporation AT49BV008A Datasheet HTML 4Page - ATMEL Corporation AT49BV008A Datasheet HTML 5Page - ATMEL Corporation AT49BV008A Datasheet HTML 6Page - ATMEL Corporation AT49BV008A Datasheet HTML 7Page - ATMEL Corporation AT49BV008A Datasheet HTML 8Page - ATMEL Corporation AT49BV008A Datasheet HTML 9Page - ATMEL Corporation AT49BV008A Datasheet HTML 10Page - ATMEL Corporation Next Button 

AT49BV008A Product details

Description
The AT49BV008A(T) and AT49BV8192A(T) are 3-volt, 8-megabit Flash Memories organized as 1,048,576 words of 8 bits each or 512K words of 16 bits each. Manufactured with Atmel’s advanced nonvolatile CMOS technology, the devices offer access times to 120 ns with power dissipation of just 67 mW at 2.7V read. When deselected, the CMOS standby current is less than 50 µA.

Features
• 2.7V to 3.6V Read/Write Operation
• Fast Read Access Time - 120 ns
• Internal Erase/Program Control
• Sector Architecture
    – One 8K Words (16K bytes) Boot Block with Programming Lockout
    – Two 4K Words (8K bytes) Parameter Blocks
    – One 496K Words (992K bytes) Main Memory Array Block
• Fast Sector Erase Time - 10 seconds
• Byte-by-Byte or Word-By-Word Programming - 30 µs Typical
• Hardware Data Protection
• DATA Polling For End Of Program Detection
• Low-Power Dissipation
    – 25 mA Active Current
    – 50 µA CMOS Standby Current
• Typical 10,000 Write Cycles




Similar Part No. - AT49BV008A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV008A-12TI ATMEL-AT49BV008A-12TI Datasheet
335Kb / 16P
   8-megabit (1M x 8/512K x 6) Flash memory
AT49BV008AT-12CI ATMEL-AT49BV008AT-12CI Datasheet
335Kb / 16P
   8-megabit (1M x 8/512K x 6) Flash memory
AT49BV008AT-90CI ATMEL-AT49BV008AT-90CI Datasheet
335Kb / 16P
   8-megabit (1M x 8/512K x 6) Flash memory
More results


Similar Description - AT49BV008A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F8192AT-70TC ATMEL-AT49F8192AT-70TC Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49F008A ATMEL-AT49F008A Datasheet
170Kb / 18P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49BV8192 ATMEL-AT49BV8192 Datasheet
148Kb / 13P
   8-Megabit 512K x 16 CMOS Flash Memory
AT49BV8192A-11TI ATMEL-AT49BV8192A-11TI Datasheet
335Kb / 16P
   8-megabit (1M x 8/512K x 6) Flash memory
AT49F8011 ATMEL-AT49F8011 Datasheet
231Kb / 20P
   8-megabit (512K x 16/ 1M x 8) 5-volt Only Flash Memory
AT49BV802D ATMEL-AT49BV802D Datasheet
434Kb / 31P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV8011 ATMEL-AT49BV8011 Datasheet
306Kb / 18P
   8-megabit (512K x 16/1M x 8) 3-volt Only Flash Memory
AT49BV802A ATMEL-AT49BV802A Datasheet
253Kb / 29P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49F004 ATMEL-AT49F004 Datasheet
243Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49BV004 ATMEL-AT49BV004 Datasheet
241Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com