Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD845SQ/883B Datasheet (PDF) - Analog Devices

AD845SQ/883B Datasheet PDF - Analog Devices
Part # AD845SQ/883B
Download  AD845SQ/883B Download

File Size   174.99 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision, 16 MHz CBFET Op Amp

AD845SQ/883B Datasheet (PDF)

Go To PDF Page Download Datasheet
AD845SQ/883B Datasheet PDF - Analog Devices

Part # AD845SQ/883B
Download  AD845SQ/883B Click to download

File Size   174.99 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision, 16 MHz CBFET Op Amp

AD845SQ/883B Datasheet (HTML) - Analog Devices

Back Button AD845SQ/883B Datasheet HTML 1Page - Analog Devices AD845SQ/883B Datasheet HTML 2Page - Analog Devices AD845SQ/883B Datasheet HTML 3Page - Analog Devices AD845SQ/883B Datasheet HTML 4Page - Analog Devices AD845SQ/883B Datasheet HTML 5Page - Analog Devices AD845SQ/883B Datasheet HTML 6Page - Analog Devices AD845SQ/883B Datasheet HTML 7Page - Analog Devices AD845SQ/883B Datasheet HTML 8Page - Analog Devices AD845SQ/883B Datasheet HTML 9Page - Analog Devices AD845SQ/883B Datasheet HTML 10Page - Analog Devices Next Button 

AD845SQ/883B Product details

DESCRIPTION

The AD845 is a fast, precise, N channel JFET input, monolithic operational amplifier. It is fabricated using Analog Devices’ complementary bipolar (CB) process. Advanced laser-wafer trimming technology enables the very low input offset voltage and offset voltage drift performance to be realized. This precision, when coupled with a slew rate of 100 V/µs, a stable unity-gain bandwidth of 16 MHz, and a settling time of 350 ns 0.01% while driving a parallel load of 100pF and 500Ω represents a combination of features unmatched by any FET input IC amplifier. The AD845 can easily be used to upgrade many existing designs which use BiFET or FET input hybrid amplifiers and, in some cases, those which use bipolar input op amps.



FEATURES

Replaces Hybrid Amplifiers in Many Applications



AC PERFORMANCE:

Settles to 0.01% in 350 ns

100 V/ms Slew Rate

12.8 MHz min Unity-Gain Bandwidth

1.75 MHz Full-Power Bandwidth at 20 V p-p



DC PERFORMANCE:

0.25 mV max Input Offset Voltage

5 mV/8C max Offset Voltage Drift

0.5 nA Input Bias Current

250 V/mV min Open-Loop Gain

4 mV p-p max Voltage Noise, 0.1 Hz to 10 Hz

94 dB min CMRR

Available in Plastic Mini-DIP, Hermetic Cerdip and SOIC Packages. Also Available in Tape and Reel in Accordance with EIA-481A Standard




Similar Part No. - AD845SQ/883B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD845SQ/883B AD-AD845SQ/883B Datasheet
234Kb / 8P
   Precision, 16 MHz CBFET Op Amp
REV. D
AD845SQ/883B AD-AD845SQ/883B Datasheet
217Kb / 12P
   Precision, 16 MHz CBFET Op Amp
REV. E
AD845SQ/883B AD-AD845SQ/883B Datasheet
222Kb / 13P
   Precision, 16 MHz CBFET Op Amp
More results


Similar Description - AD845SQ/883B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD845 AD-AD845_17 Datasheet
222Kb / 13P
   Precision, 16 MHz CBFET Op Amp
AD845 AD-AD845 Datasheet
234Kb / 8P
   Precision, 16 MHz CBFET Op Amp
REV. D
AD845 AD-AD845_15 Datasheet
217Kb / 12P
   Precision, 16 MHz CBFET Op Amp
REV. E
AD845JNZ AD-AD845JNZ Datasheet
217Kb / 12P
   Precision, 16 MHz CBFET Op Amp
REV. E
AD843 AD-AD843 Datasheet
448Kb / 12P
   34 MHz, CBFET Fast Settling Op Amp
REV. D
AD843 AD-AD843_15 Datasheet
460Kb / 12P
   34 MHz, CBFET Fast Settling Op Amp
REV. D
AD843 AD-AD843_17 Datasheet
485Kb / 13P
   34 MHz, CBFET Fast Settling Op Amp
AD843JNZ AD-AD843JNZ Datasheet
460Kb / 12P
   34 MHz, CBFET Fast Settling Op Amp
REV. D
5962-9098001MPA AD-5962-9098001MPA Datasheet
460Kb / 12P
   34 MHz, CBFET Fast Settling Op Amp
REV. D
AD843SQ AD-AD843SQ Datasheet
460Kb / 12P
   34 MHz, CBFET Fast Settling Op Amp
REV. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com