Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8001ARZ Datasheet (PDF) - Analog Devices

AD8001ARZ Datasheet PDF - Analog Devices
Part # AD8001ARZ
Download  AD8001ARZ Download

File Size   490.55 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 800 MHz, 50 mW Current Feedback Amplifier

AD8001ARZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8001ARZ Datasheet PDF - Analog Devices

Part # AD8001ARZ
Download  AD8001ARZ Click to download

File Size   490.55 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 800 MHz, 50 mW Current Feedback Amplifier

AD8001ARZ Datasheet (HTML) - Analog Devices

Back Button AD8001ARZ Datasheet HTML 1Page - Analog Devices AD8001ARZ Datasheet HTML 2Page - Analog Devices AD8001ARZ Datasheet HTML 3Page - Analog Devices AD8001ARZ Datasheet HTML 4Page - Analog Devices AD8001ARZ Datasheet HTML 5Page - Analog Devices AD8001ARZ Datasheet HTML 6Page - Analog Devices AD8001ARZ Datasheet HTML 7Page - Analog Devices AD8001ARZ Datasheet HTML 8Page - Analog Devices AD8001ARZ Datasheet HTML 9Page - Analog Devices AD8001ARZ Datasheet HTML 10Page - Analog Devices Next Button 

AD8001ARZ Product details

GENERAL DESCRIPTION

The AD8001 is a low power, high speed amplifier designed to operate on±5V supplies. The AD8001 features uniquetransimpedance linearization circuitry. This allows it to drive video loads with excellent differential gain and phase performance on only 50 mW of power. The AD8001 is a current feedback amplifier and features gain flatness of 0.1 dB to 100 MHz while offering differential gain and phase error of 0.01% and 0.025°. This makes the AD8001 ideal for professional video electronics such as cameras and video switchers. Additionally, the AD8001’s low distortion and fast settling make it ideal for buffer high speed A-to-D converters. The AD8001 offers low power of 5.5 mA max (VS = ±5 V) and can run on a single +12 V power supply, while being capable of delivering over 70 mA of load current. These features make this amplifier ideal for portable and battery-powered applications where size and power are critical.



FEATURES

Excellent Video Specifications (RL= 150 , G = +2)

Gain Flatness 0.1 dB to 100 MHz

0.01% Differential Gain Error

0.025 Differential Phase Error

Low Power

5.5 mA Max Power Supply Current (55 mW)

High Speed and Fast Settling

880 MHz, –3 dB Bandwidth (G = +1)

440 MHz, –3 dB Bandwidth (G = +2)

1200 V/s Slew Rate

10 ns Settling Time to 0.1%

Low Distortion

–65 dBc THD, fC= 5 MHz

33 dBm Third Order Intercept, F1= 10 MHz

–66 dB SFDR, f = 5 MHz

High Output Drive

70 mA Output Current

Drives Up to 4 Back-Terminated Loads (75  Each)

While Maintaining Good Differential Gain/Phase

Performance (0.05%/0.25)



APPLICATIONS

A-to-D Drivers

Video Line Drivers

Professional Cameras

Video Switchers

Special Effects

RF Receivers



(@ TA= + 25C, VS= 5 V, RL= 100 , unless otherwise noted.)




Similar Part No. - AD8001ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8001AR AD-AD8001AR Datasheet
222Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. C
AD8001AR AD-AD8001AR Datasheet
335Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001AR AD-AD8001AR Datasheet
329Kb / 17P
   Current Feedback Amplifier
logo
List of Unclassifed Man...
AD8001AR ETC2-AD8001AR Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Analog Devices
AD8001AR-REEL AD-AD8001AR-REEL Datasheet
222Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. C
More results


Similar Description - AD8001ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8001ANZ AD-AD8001ANZ Datasheet
562Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001 Datasheet
222Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. C
AD8001ARTZ-REEL7 AD-AD8001ARTZ-REEL7 Datasheet
388Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001_15 Datasheet
562Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001_03 Datasheet
335Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002 AD-AD8002_01 Datasheet
372Kb / 20P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002 AD-AD8002 Datasheet
351Kb / 18P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. C
AD8002ARZ AD-AD8002ARZ Datasheet
373Kb / 20P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002 AD-AD8002_15 Datasheet
590Kb / 21P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002ARZ-R7 AD-AD8002ARZ-R7 Datasheet
373Kb / 20P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com