Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG708BRU-REEL Datasheet (PDF) - Analog Devices

ADG708BRU-REEL Datasheet PDF - Analog Devices
Part # ADG708BRU-REEL
Download  ADG708BRU-REEL Download

File Size   332.07 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS, 1.8 V to 5.5 V/ 2.5 V, 3 Low Voltage 4-/8-Channel Multiplexers

ADG708BRU-REEL Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG708BRU-REEL Datasheet PDF - Analog Devices

Part # ADG708BRU-REEL
Download  ADG708BRU-REEL Click to download

File Size   332.07 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS, 1.8 V to 5.5 V/ 2.5 V, 3 Low Voltage 4-/8-Channel Multiplexers

ADG708BRU-REEL Datasheet (HTML) - Analog Devices

Back Button ADG708BRU-REEL Datasheet HTML 1Page - Analog Devices ADG708BRU-REEL Datasheet HTML 2Page - Analog Devices ADG708BRU-REEL Datasheet HTML 3Page - Analog Devices ADG708BRU-REEL Datasheet HTML 4Page - Analog Devices ADG708BRU-REEL Datasheet HTML 5Page - Analog Devices ADG708BRU-REEL Datasheet HTML 6Page - Analog Devices ADG708BRU-REEL Datasheet HTML 7Page - Analog Devices ADG708BRU-REEL Datasheet HTML 8Page - Analog Devices ADG708BRU-REEL Datasheet HTML 9Page - Analog Devices ADG708BRU-REEL Datasheet HTML 10Page - Analog Devices Next Button 

ADG708BRU-REEL Product details

GENERAL DESCRIPTION

The ADG708/ADG709 are low voltage, CMOS analog multiplexers comprising eight single channels and four differential channels, respectively. The ADG708 switches one of eight inputs (S1 to S8) to a common output, D, as determined by the 3-bit binary address lines A0, A1, and A2. The ADG709 switches one of four differential inputs to a common differential output as determined by the 2-bit binary address lines A0 and A1. An EN input on both devices is used to enable or disable

the device. When disabled, all channels are switched off.



FEATURES

1.8 V to 5.5 V single supply

±2.5 V dual supply

3 Ω on resistance

0.75 Ω on resistance flatness

100 pA leakage currents

14 ns switching times

Single 8-to-1 multiplexer ADG708

Differential 4-to-1 multiplexer ADG709

16-lead TSSOP package

Low power consumption

TTL-/CMOS-compatible inputs

Qualified for automotive applications



APPLICATIONS

Data acquisition systems

Communication systems

Relay replacement

Audio and video switching

Battery-powered systems




Similar Part No. - ADG708BRU-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG708BRU-REEL AD-ADG708BRU-REEL Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
REV. D
More results


Similar Description - ADG708BRU-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG706BRUZ AD-ADG706BRUZ Datasheet
246Kb / 12P
   CMOS, 1.8 V to 5.5 V/2.5 V, 2.5 Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG706 AD-ADG706_02 Datasheet
246Kb / 12P
   CMOS, 1.8 V to 5.5 V/2.5 V, 2.5  Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG707BRUZ AD-ADG707BRUZ Datasheet
222Kb / 12P
   CMOS, 1.8 V to 5.5 V/2.5 V, 2.5 Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG708BRUZ AD-ADG708BRUZ Datasheet
332Kb / 20P
   CMOS, 1.8 V to 5.5 V/짹2.5 V, 3 廓 Low Voltage 4-/8-Channel Multiplexers
REV. D
ADG707BRUZ-REEL7 AD-ADG707BRUZ-REEL7 Datasheet
222Kb / 12P
   CMOS,1.8V to 5.5 V/2.5 V, 2.5 Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG726 AD-ADG726_02 Datasheet
262Kb / 12P
   16-/32-Channel, 4  1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG726BSUZ AD-ADG726BSUZ Datasheet
227Kb / 12P
   16-/32-Channel,4 1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG732BSUZ AD-ADG732BSUZ Datasheet
262Kb / 12P
   16-/32-Channel, 4  1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG731BCPZ AD-ADG731BCPZ Datasheet
362Kb / 16P
   16-/32-Channel, Serially Controlled 4  1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
ADG725 AD-ADG725_03 Datasheet
362Kb / 16P
   16-/32-Channel, Serially Controlled 4 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com