Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT89C51-20PI Datasheet (PDF) - ATMEL Corporation

AT89C51-20PI Datasheet PDF - ATMEL Corporation
Part # AT89C51-20PI
Download  AT89C51-20PI Download

File Size   129.41 Kbytes
Page   15 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-Bit Microcontroller with 4K Bytes Flash

AT89C51-20PI Datasheet (PDF)

Go To PDF Page Download Datasheet
AT89C51-20PI Datasheet PDF - ATMEL Corporation

Part # AT89C51-20PI
Download  AT89C51-20PI Click to download

File Size   129.41 Kbytes
Page   15 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-Bit Microcontroller with 4K Bytes Flash

AT89C51-20PI Datasheet (HTML) - ATMEL Corporation

Back Button AT89C51-20PI Datasheet HTML 1Page - ATMEL Corporation AT89C51-20PI Datasheet HTML 2Page - ATMEL Corporation AT89C51-20PI Datasheet HTML 3Page - ATMEL Corporation AT89C51-20PI Datasheet HTML 4Page - ATMEL Corporation AT89C51-20PI Datasheet HTML 5Page - ATMEL Corporation AT89C51-20PI Datasheet HTML 6Page - ATMEL Corporation AT89C51-20PI Datasheet HTML 7Page - ATMEL Corporation AT89C51-20PI Datasheet HTML 8Page - ATMEL Corporation AT89C51-20PI Datasheet HTML 9Page - ATMEL Corporation AT89C51-20PI Datasheet HTML 10Page - ATMEL Corporation Next Button 

AT89C51-20PI Product details

Description
The AT89C51 is a low-power, high-performance CMOS 8-bit microcomputer with 4K bytes of Flash Programmable and Erasable Read Only Memory (PEROM). The device is manufactured using Atmel’s high density nonvolatile memory technology and is compatible with the industry standard MCS-51™ instruction set and pinout. The on-chip Flash allows the program memory to be reprogrammed in-system or by a conventional nonvolatile memory programmer.

Features
• Compatible with MCS-51™ Products
• 4K Bytes of In-System Reprogrammable Flash Memory
    – Endurance: 1,000 Write/Erase Cycles
• Fully Static Operation: 0 Hz to 24 MHz
• Three-Level Program Memory Lock
• 128 x 8-Bit Internal RAM
• 32 Programmable I/O Lines
• Two 16-Bit Timer/Counters
• Six Interrupt Sources
• Programmable Serial Channel
• Low Power Idle and Power Down Modes




Similar Part No. - AT89C51-20PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51-20PI ATMEL-AT89C51-20PI Datasheet
141Kb / 17P
   8-bit Microcontroller with 4K Bytes Flash
More results


Similar Description - AT89C51-20PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C4051 ATMEL-AT89C4051_08 Datasheet
404Kb / 19P
   8-bit Microcontroller with 4K Bytes Flash
AT89LV51 ATMEL-AT89LV51 Datasheet
157Kb / 16P
   8-Bit Microcontroller with 4K Bytes Flash
AT89C4051 ATMEL-AT89C4051_01 Datasheet
242Kb / 18P
   8-bit Microcontroller with 4K Bytes Flash
AT89C4051 ATMEL-AT89C4051 Datasheet
328Kb / 19P
   8-bit Microcontroller with 4K Bytes Flash
AT89C51 ATMEL-AT89C51_00 Datasheet
141Kb / 17P
   8-bit Microcontroller with 4K Bytes Flash
AT89C4051 ATMEL-AT89C4051 Datasheet
265Kb / 19P
   8-Bit Microcontroller with 4K Bytes Flash
AT89LV51 ATMEL-AT89LV51 Datasheet
197Kb / 16P
   8-Bit Microcontroller with 4K Bytes Flash
AT89S2051 ATMEL-AT89S2051_05 Datasheet
1,008Kb / 45P
   8-bit Microcontroller with 2K/4K Bytes Flash
AT89S2051 ATMEL-AT89S2051 Datasheet
981Kb / 45P
   8-bit Microcontroller with 2K/4K Bytes Flash
AT89S2051 ATMEL-AT89S2051_08 Datasheet
1Mb / 46P
   8-bit Microcontroller with 2K/4K Bytes Flash
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com