Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF20V8B-7XC Datasheet (PDF) - ATMEL Corporation

ATF20V8B-7XC Datasheet PDF - ATMEL Corporation
Part # ATF20V8B-7XC
Download  ATF20V8B-7XC Download

File Size   758.88 Kbytes
Page   17 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description High- Performance EE PLD

ATF20V8B-7XC Datasheet (PDF)

Go To PDF Page Download Datasheet
ATF20V8B-7XC Datasheet PDF - ATMEL Corporation

Part # ATF20V8B-7XC
Download  ATF20V8B-7XC Click to download

File Size   758.88 Kbytes
Page   17 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description High- Performance EE PLD

ATF20V8B-7XC Datasheet (HTML) - ATMEL Corporation

Back Button ATF20V8B-7XC Datasheet HTML 1Page - ATMEL Corporation ATF20V8B-7XC Datasheet HTML 2Page - ATMEL Corporation ATF20V8B-7XC Datasheet HTML 3Page - ATMEL Corporation ATF20V8B-7XC Datasheet HTML 4Page - ATMEL Corporation ATF20V8B-7XC Datasheet HTML 5Page - ATMEL Corporation ATF20V8B-7XC Datasheet HTML 6Page - ATMEL Corporation ATF20V8B-7XC Datasheet HTML 7Page - ATMEL Corporation ATF20V8B-7XC Datasheet HTML 8Page - ATMEL Corporation ATF20V8B-7XC Datasheet HTML 9Page - ATMEL Corporation ATF20V8B-7XC Datasheet HTML 10Page - ATMEL Corporation Next Button 

ATF20V8B-7XC Product details

Description
The ATF20V8B is a high-performance CMOS (electrically erasable) programmable logic device (PLD) that utilizes Atmel’s proven electrically-erasable Flash memory technology. Speeds down to 7.5 ns and power dissipation as low as 10 mA are offered. All speed ranges are specified over the full 5V ± 10% range for industrial temperature ranges, and 5V ± 5% for commercial temperature ranges.
Several low-power options allow selection of the best solution for various types of power-limited applications. Each of these options significantly reduces total system power and enhances system reliability.
The ATF20V8Bs incorporate a superset of the generic architectures, which allows direct replacement of the 20R8 family and most 24-pin combinatorial PLDs. Eight outputs are each allocated eight product terms. Three different modes of operation, configured automatically with software, allow highly complex logic functions to be realized.

Features
• Industry-standard Architecture
   – Emulates Many 24-pin PALs®
   – Low-cost Easy-to-use Software Tools
• High-speed Electrically-erasable Programmable Logic Devices
   – 7.5 ns Maximum Pin-to-pin Delay
• Several Power Saving Options
• CMOS and TTL Compatible Inputs and Outputs
• Input and I/O Pull-up Resistors
• Advanced Flash Technology
   – Reprogrammable
   – 100% Tested
• High-reliability CMOS Process
   – 20 Year Data Retention
   – 100 Erase/Write Cycles
   – 2,000V ESD Protection
   – 200 mA Latchup Immunity
• Commercial and Industrial Temperature Ranges
• Dual-in-line and Surface Mount Packages in Standard Pinouts
• PCI-Compliant
• Green Package Options (Pb/Halide-free/RoHS Complant) Available




Similar Part No. - ATF20V8B-7XC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF20V8B-7XC ATMEL-ATF20V8B-7XC Datasheet
667Kb / 22P
   Highperformance EE PLD
More results


Similar Description - ATF20V8B-7XC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
   High- Performance EE PLD
ATF16V8BQL-15PU ATMEL-ATF16V8BQL-15PU Datasheet
641Kb / 26P
   High performance EE PLD
ATF1500ABV ATMEL-ATF1500ABV Datasheet
293Kb / 12P
   High- Performance EE PLD
ATF16V8B ATMEL-ATF16V8B_14 Datasheet
2Mb / 26P
   High-performance EE PLD
ATF16LV8C ATMEL-ATF16LV8C Datasheet
215Kb / 10P
   High- Performance EE PLD
ATF20V8C ATMEL-ATF20V8C Datasheet
43Kb / 3P
   High- Performance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ_97 Datasheet
275Kb / 13P
   High performance EE PLD
ATF22V10C ATMEL-ATF22V10C_09 Datasheet
457Kb / 23P
   High performance EE PLD
ATF20V8B ATMEL-ATF20V8B_06 Datasheet
667Kb / 22P
   Highperformance EE PLD
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com