Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF22V10B-25SI Datasheet (PDF) - ATMEL Corporation

ATF22V10B-25SI Datasheet PDF - ATMEL Corporation
Part # ATF22V10B-25SI
Download  ATF22V10B-25SI Download

File Size   886.31 Kbytes
Page   14 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description High- Performance EE PLD

ATF22V10B-25SI Datasheet (PDF)

Go To PDF Page Download Datasheet
ATF22V10B-25SI Datasheet PDF - ATMEL Corporation

Part # ATF22V10B-25SI
Download  ATF22V10B-25SI Click to download

File Size   886.31 Kbytes
Page   14 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description High- Performance EE PLD

ATF22V10B-25SI Datasheet (HTML) - ATMEL Corporation

Back Button ATF22V10B-25SI Datasheet HTML 1Page - ATMEL Corporation ATF22V10B-25SI Datasheet HTML 2Page - ATMEL Corporation ATF22V10B-25SI Datasheet HTML 3Page - ATMEL Corporation ATF22V10B-25SI Datasheet HTML 4Page - ATMEL Corporation ATF22V10B-25SI Datasheet HTML 5Page - ATMEL Corporation ATF22V10B-25SI Datasheet HTML 6Page - ATMEL Corporation ATF22V10B-25SI Datasheet HTML 7Page - ATMEL Corporation ATF22V10B-25SI Datasheet HTML 8Page - ATMEL Corporation ATF22V10B-25SI Datasheet HTML 9Page - ATMEL Corporation ATF22V10B-25SI Datasheet HTML 10Page - ATMEL Corporation Next Button 

ATF22V10B-25SI Product details

Description
The Atmel® ATF22V10B is a high-performance CMOS (electrically erasable) programmable logic device (PLD) which utilizes the Atmel proven electrically erasable Flash memory technology. Speeds down to 7.5ns and power dissipation as low as 10mA are offered. All speed ranges are specified over the full 5V  10% range for military and industrial temperature ranges, and 5V  5% for commercial temperature ranges. Several low-power options allow selection of the best solution for various types of power-limited applications. Each of these options significantly reduces total system power and enhances system reliability.

Features
• Industry Standard Architecture
   – Low-cost Easy-to-use Software Tools
• High-speed, Electrically Erasable Programmable Logic Devices
• CMOS and TTL Compatible Inputs and Outputs
   – Input and I/O Pull-up Resistors
• Advanced Flash Technology
   – Reprogrammable
   – 100% Tested
• High-reliability CMOS Process
   – 20 year Data Retention
   – 100 Erase/Write Cycles
   – 2,000V ESD Protection
   – 200mA Latchup Immunity
• Full Military Temperature Ranges
• Dual-in-line and Surface Mount Packages in Standard Pinouts
• PCI Compliant




Similar Part No. - ATF22V10B-25SI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10B-25SI ATMEL-ATF22V10B-25SI Datasheet
537Kb / 15P
   Highperformance EE PLD
More results


Similar Description - ATF22V10B-25SI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF16V8BQL-15PU ATMEL-ATF16V8BQL-15PU Datasheet
641Kb / 26P
   High performance EE PLD
ATF1500ABV ATMEL-ATF1500ABV Datasheet
293Kb / 12P
   High- Performance EE PLD
ATF16V8B ATMEL-ATF16V8B_14 Datasheet
2Mb / 26P
   High-performance EE PLD
ATF16LV8C ATMEL-ATF16LV8C Datasheet
215Kb / 10P
   High- Performance EE PLD
ATF20V8B ATMEL-ATF20V8B Datasheet
758Kb / 17P
   High- Performance EE PLD
ATF20V8C ATMEL-ATF20V8C Datasheet
43Kb / 3P
   High- Performance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ_97 Datasheet
275Kb / 13P
   High performance EE PLD
ATF22V10C ATMEL-ATF22V10C_09 Datasheet
457Kb / 23P
   High performance EE PLD
ATF20V8B ATMEL-ATF20V8B_06 Datasheet
667Kb / 22P
   Highperformance EE PLD
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com