Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATV750L-25JI Datasheet (PDF) - ATMEL Corporation

ATV750L-25JI Datasheet PDF - ATMEL Corporation
Part # ATV750L-25JI
Download  ATV750L-25JI Download

File Size   544.92 Kbytes
Page   14 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description High Density UV Erasable Programmable Logic Device

ATV750L-25JI Datasheet (PDF)

Go To PDF Page Download Datasheet
ATV750L-25JI Datasheet PDF - ATMEL Corporation

Part # ATV750L-25JI
Download  ATV750L-25JI Click to download

File Size   544.92 Kbytes
Page   14 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description High Density UV Erasable Programmable Logic Device

ATV750L-25JI Datasheet (HTML) - ATMEL Corporation

Back Button ATV750L-25JI Datasheet HTML 1Page - ATMEL Corporation ATV750L-25JI Datasheet HTML 2Page - ATMEL Corporation ATV750L-25JI Datasheet HTML 3Page - ATMEL Corporation ATV750L-25JI Datasheet HTML 4Page - ATMEL Corporation ATV750L-25JI Datasheet HTML 5Page - ATMEL Corporation ATV750L-25JI Datasheet HTML 6Page - ATMEL Corporation ATV750L-25JI Datasheet HTML 7Page - ATMEL Corporation ATV750L-25JI Datasheet HTML 8Page - ATMEL Corporation ATV750L-25JI Datasheet HTML 9Page - ATMEL Corporation ATV750L-25JI Datasheet HTML 10Page - ATMEL Corporation Next Button 

ATV750L-25JI Product details

Description

The ATV750(L) is 100% more powerful than most other programmable logic devices in 24-pin packages. Increased product terms, sum terms, and flip-flops translate into more usable gates. Each of the ATV750(L)’s twenty-two logic pins can be used as an input. Ten of these can be used as input, output, or bi-directional I/O pins. All twenty flip-flops can be fedback into the array independently. This flexibility allows burying all of the sum terms and flip-flops.



Features

• Third Generation Programmable Logic Structure

– High-Density Replacement for Discrete Logic

• High-Speed — Plus a New, Low-Power Version

• Increased Logic Flexibility

– 42 Inputs and 20 Sum Terms

• Flexible Output Logic

– 20 Flip-Flops - 10 Extra

– All Can Be Individually Buried or 10 Output Directly

– Each has Individual Asynchronous Reset and Clock Terms

• Multiple Feedback Paths Provide for Buried State Machines

and I/O Bus Compatibility

• Proven and Reliable High-Speed CMOS EPROM Process

– 2000V ESD Protection

– 200 mA Latchup Immunity

• Reprogrammable

– Tested 100% for Programmability

• 24-pin, 300-mil Dual-In-line and 28-Lead Surface Mount Packages




Similar Part No. - ATV750L-25JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATV750B ATMEL-ATV750B Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
ATV750B-10DM/883 ATMEL-ATV750B-10DM/883 Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
ATV750B-10JC ATMEL-ATV750B-10JC Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
ATV750B-10JI ATMEL-ATV750B-10JI Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
ATV750B-10LM/883 ATMEL-ATV750B-10LM/883 Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
More results


Similar Description - ATV750L-25JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATV5000 ATMEL-ATV5000 Datasheet
156Kb / 13P
   High Density UV Erasable Programmable Logic Device
ATV2500H ATMEL-ATV2500H Datasheet
661Kb / 15P
   High-Density UV-Erasable Programmable Logic Device
ATV2500B ATMEL-ATV2500B Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
AT22V10B ATMEL-AT22V10B Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
AT22V10 ATMEL-AT22V10 Datasheet
277Kb / 11P
   High Speed UV Erasable Programmable Logic Device
ATV750B ATMEL-ATV750B Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
AT22LV10 ATMEL-AT22LV10 Datasheet
507Kb / 11P
   Low-Voltage UV Erasable Programmable Logic Device
ATF2500C ATMEL-ATF2500C_14 Datasheet
620Kb / 24P
   High-performance, High-density, Electrically-erasable Programmable Logic Device
ATF22V10B ATMEL-ATF22V10B_10 Datasheet
628Kb / 16P
   High-performance Electrically Erasable Programmable Logic Device
ATF22LV10C ATMEL-ATF22LV10C Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com