Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49LV002NT-70TC Datasheet (PDF) - ATMEL Corporation

AT49LV002NT-70TC Datasheet PDF - ATMEL Corporation
Part # AT49LV002NT-70TC
Download  AT49LV002NT-70TC Download

File Size   171.47 Kbytes
Page   20 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 2-Megabit 256K x 8 Single 2.7-Volt Battery-Voltage Flash Memory

AT49LV002NT-70TC Datasheet (PDF)

Go To PDF Page Download Datasheet
AT49LV002NT-70TC Datasheet PDF - ATMEL Corporation

Part # AT49LV002NT-70TC
Download  AT49LV002NT-70TC Click to download

File Size   171.47 Kbytes
Page   20 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 2-Megabit 256K x 8 Single 2.7-Volt Battery-Voltage Flash Memory

AT49LV002NT-70TC Datasheet (HTML) - ATMEL Corporation

Back Button AT49LV002NT-70TC Datasheet HTML 1Page - ATMEL Corporation AT49LV002NT-70TC Datasheet HTML 2Page - ATMEL Corporation AT49LV002NT-70TC Datasheet HTML 3Page - ATMEL Corporation AT49LV002NT-70TC Datasheet HTML 4Page - ATMEL Corporation AT49LV002NT-70TC Datasheet HTML 5Page - ATMEL Corporation AT49LV002NT-70TC Datasheet HTML 6Page - ATMEL Corporation AT49LV002NT-70TC Datasheet HTML 7Page - ATMEL Corporation AT49LV002NT-70TC Datasheet HTML 8Page - ATMEL Corporation AT49LV002NT-70TC Datasheet HTML 9Page - ATMEL Corporation AT49LV002NT-70TC Datasheet HTML 10Page - ATMEL Corporation Next Button 

AT49LV002NT-70TC Product details

Description
The AT49BV/LV002(N)(T) is a 3-volt-only in-system reprogrammable Flash Memory. Its 2 megabits of memory is organized as 262,144 words by 8 bits. Manufactured with Atmel’s advanced nonvolatile CMOS technology, the device offers access times to 70ns with power dissipation of just 90 mW over the commercial temperature range.

Features
• Single Supply for Read and Write: 2.7V to 3.6 (BV), 3.0 to 3.6V (LV)
• Fast Read Access Time - 70 ns
• Internal Program Control and Timer
• Sector Architecture
   – One 16K Byte Boot Block with Programming Lockout
   – Two 8K Byte Parameter Blocks
   – Two Main Memory Blocks (96K, 128K) Bytes
• Fast Erase Cycle Time - 10 seconds
• Byte By Byte Programming - 30 µs/Byte Typical
• Hardware Data Protection
• DATA Polling For End Of Program Detection
• Low Power Dissipation
   – 25 mA Active Current
   – 50 µA CMOS Standby Current
• Typical 10,000 Write Cycles




Similar Part No. - AT49LV002NT-70TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49LV002NT ATMEL-AT49LV002NT Datasheet
120Kb / 21P
   2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
More results


Similar Description - AT49LV002NT-70TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV-LV002 ATMEL-AT49BV-LV002 Datasheet
120Kb / 21P
   2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV002A ATMEL-AT49BV002A Datasheet
207Kb / 18P
   2-megabit (256K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV020 ATMEL-AT49BV020 Datasheet
167Kb / 10P
   2-Megabit 256K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT29BV020 ATMEL-AT29BV020_08 Datasheet
368Kb / 16P
   2-megabit (256K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV020 ATMEL-AT29BV020 Datasheet
489Kb / 10P
   2 Megabit 256K x 8 Single 2.7-volt Battery-Voltage CMOS Flash Memory
AT49BV2048A ATMEL-AT49BV2048A Datasheet
263Kb / 17P
   2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage??Flash Memory
AT49LV4096A ATMEL-AT49LV4096A Datasheet
365Kb / 16P
   4-megabit (512K x 8/256K x 16) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV080 ATMEL-AT49BV080 Datasheet
201Kb / 12P
   8-Megabit 1M x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV010 ATMEL-AT49BV010 Datasheet
88Kb / 11P
   1-Megabit 128K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV040 ATMEL-AT49BV040 Datasheet
210Kb / 12P
   4-Megabit 512K x 8 Single 2.7-volt Battery-Voltage Flash Memory
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com