Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATV2500L-30KI Datasheet (PDF) - ATMEL Corporation

ATV2500L-30KI Datasheet PDF - ATMEL Corporation
Part # ATV2500L-30KI
Download  ATV2500L-30KI Download

File Size   661.95 Kbytes
Page   15 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description High-Density UV-Erasable Programmable Logic Device

ATV2500L-30KI Datasheet (PDF)

Go To PDF Page Download Datasheet
ATV2500L-30KI Datasheet PDF - ATMEL Corporation

Part # ATV2500L-30KI
Download  ATV2500L-30KI Click to download

File Size   661.95 Kbytes
Page   15 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description High-Density UV-Erasable Programmable Logic Device

ATV2500L-30KI Datasheet (HTML) - ATMEL Corporation

Back Button ATV2500L-30KI Datasheet HTML 1Page - ATMEL Corporation ATV2500L-30KI Datasheet HTML 2Page - ATMEL Corporation ATV2500L-30KI Datasheet HTML 3Page - ATMEL Corporation ATV2500L-30KI Datasheet HTML 4Page - ATMEL Corporation ATV2500L-30KI Datasheet HTML 5Page - ATMEL Corporation ATV2500L-30KI Datasheet HTML 6Page - ATMEL Corporation ATV2500L-30KI Datasheet HTML 7Page - ATMEL Corporation ATV2500L-30KI Datasheet HTML 8Page - ATMEL Corporation ATV2500L-30KI Datasheet HTML 9Page - ATMEL Corporation ATV2500L-30KI Datasheet HTML 10Page - ATMEL Corporation Next Button 

ATV2500L-30KI Product details

Description
The ATV2500H/L is the most powerful programmable logic device available in a 40-pin package. Increased product terms, sum terms, and flip-flops translate into many more usable gates. High gate utilization is easily obtainable.
   
Features
• Third Generation Programmable Logic Structure
    – Easily Achieves Gate Utilization Factors of 80 Percent
• Increased Logic Flexibility
    – 86 Inputs and 72 Sum Terms
• Flexible Output Macrocell
    – 48 Flip-Flops - 2 per Macrocell
    – 3 Sum Terms - Can Be ORed and Shared
• High-Speed
• Low-Power — Less than 0.5 mA Typical (ATV2500L)
• Multiple Feedback Paths Provide for Buried State Machines
    and I/O Bus Compatibility
• Asynchronous Clocks and Resets
    – Multiple Synchronous Presets - One per Four or Eight Flip-Flops
• Proven and Reliable High Speed CMOS EPROM Process
    – 2000V ESD Protection
    – 200 mA Latchup Immunity
• Reprogrammable - Tested 100% for Programmability
• 40-pin Dual-In-line and 44-Lead Surface Mount Packages
   




Similar Part No. - ATV2500L-30KI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATV2500B ATMEL-ATV2500B Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
ATV2500B-12JC ATMEL-ATV2500B-12JC Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
ATV2500B-12KC ATMEL-ATV2500B-12KC Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
ATV2500B-15JC ATMEL-ATV2500B-15JC Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
ATV2500B-15JI ATMEL-ATV2500B-15JI Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
More results


Similar Description - ATV2500L-30KI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATV750 ATMEL-ATV750 Datasheet
544Kb / 14P
   High Density UV Erasable Programmable Logic Device
ATV5000 ATMEL-ATV5000 Datasheet
156Kb / 13P
   High Density UV Erasable Programmable Logic Device
ATV2500B ATMEL-ATV2500B Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
AT22V10B ATMEL-AT22V10B Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
AT22V10 ATMEL-AT22V10 Datasheet
277Kb / 11P
   High Speed UV Erasable Programmable Logic Device
ATV750B ATMEL-ATV750B Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
AT22LV10 ATMEL-AT22LV10 Datasheet
507Kb / 11P
   Low-Voltage UV Erasable Programmable Logic Device
ATF2500C ATMEL-ATF2500C_14 Datasheet
620Kb / 24P
   High-performance, High-density, Electrically-erasable Programmable Logic Device
ATF22V10B ATMEL-ATF22V10B_10 Datasheet
628Kb / 16P
   High-performance Electrically Erasable Programmable Logic Device
ATF22LV10C ATMEL-ATF22LV10C Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com