Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T89C51RD2-RLVI-M Datasheet (PDF) - ATMEL Corporation

T89C51RD2-RLVI-M Datasheet PDF - ATMEL Corporation
Part # T89C51RD2-RLVI-M
Download  T89C51RD2-RLVI-M Download

File Size   987.55 Kbytes
Page   86 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 0 to 40MHz Flash Programmable 8-bit Microcontroller

T89C51RD2-RLVI-M Datasheet (PDF)

Go To PDF Page Download Datasheet
T89C51RD2-RLVI-M Datasheet PDF - ATMEL Corporation

Part # T89C51RD2-RLVI-M
Download  T89C51RD2-RLVI-M Click to download

File Size   987.55 Kbytes
Page   86 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 0 to 40MHz Flash Programmable 8-bit Microcontroller

T89C51RD2-RLVI-M Datasheet (HTML) - ATMEL Corporation

Back Button T89C51RD2-RLVI-M Datasheet HTML 1Page - ATMEL Corporation T89C51RD2-RLVI-M Datasheet HTML 2Page - ATMEL Corporation T89C51RD2-RLVI-M Datasheet HTML 3Page - ATMEL Corporation T89C51RD2-RLVI-M Datasheet HTML 4Page - ATMEL Corporation T89C51RD2-RLVI-M Datasheet HTML 5Page - ATMEL Corporation T89C51RD2-RLVI-M Datasheet HTML 6Page - ATMEL Corporation T89C51RD2-RLVI-M Datasheet HTML 7Page - ATMEL Corporation T89C51RD2-RLVI-M Datasheet HTML 8Page - ATMEL Corporation T89C51RD2-RLVI-M Datasheet HTML 9Page - ATMEL Corporation T89C51RD2-RLVI-M Datasheet HTML 10Page - ATMEL Corporation Next Button 

T89C51RD2-RLVI-M Product details

Description

T89C51RD2 is high performance CMOS Flash version of the 80C51 CMOS single chip 8-bit microcontroller. It contains a 64 Kbytes Flash memory block for program and for data.

The 64 Kbytes Flash memory can be programmed either in parallel mode or in serial mode with the ISP capability or with software. The programming voltage is internally generated from the standard VCC pin.

The T89C51RD2 retains all features of the ATMEL 80C52 with 256 bytes of internal RAM, a 7-source 4-level interrupt controller and three timer/counters.



Features

• 80C52 Compatible

– 8051 Pin and Instruction Compatible

– Four 8-bit I/O Ports (or 6 in 64/68 Pins Packages)

– Three 16-bit Timer/Counters

– 256 bytes Scratch Pad RAM

– 7 Interrupt Sources With 4 Priority Levels

• ISP (In-System Programming) Using Standard VCC Power Supply

• Boot Flash Contains Low Level Flash Programming Routines and a Default Serial Loader

• High-Speed Architecture

–40 MHz in Standard Mode

–20 MHz in X2 Mode (6 Clocks/Machine Cycle)

• 64K bytes On-chip Flash Program/Data Memory

–Byte and Page (128 bytes) Erase and Write

–100K Write Cycles

• On-chip 1024 Bytes Expanded RAM (XRAM)

–Software Selectable Size (0, 256, 512, 768, 1024 bytes)

–768 Bytes Selected at Reset for T87C51RD2 Compatibility

• Dual Data Pointer Variable Length MOVX for Slow RAM/Peripherals

• Improved X2 Mode with Independant Selection for CPU and Each Peripheral

• 2K bytes EEPROM Block for Data Storage

–100K Write Cycle

• Programmable Counter Array with

–High Speed Output

–Compare/Capture

–Pulse Width Modulator

  Watchdog Timer Capabilities

  Asynchronous Port Reset

  Full-duplex Enhanced UART

  Low EMI (Inhibit ALE)

–Hardware Watchdog Timer (One-time Enabled with Reset-out)

• Power Control Modes:

–Idle Mode

–Power-down Mode

• Power Supply:

–M version: Commercial and Industrial

  4.5V to 5.5V: 40 MHz (X1 Mode), 20 MHz (X2 Mode)

  3V to 5.5V: 33 MHz (X1 Mode), 16 MHz (X2 Mode)

–L version: Commercial and industrial

  2.7V to 3.6V: 25 MHz (X1 Mode), 12 MHz (X2 Mode)

• Temperature Ranges: Commercial (0 to +70°C) and Industrial (-40 to +85°C)

• Packages: PDIL40, PLCC44, VQFP44, PLCC68, VQFP64




Similar Part No. - T89C51RD2-RLVI-M

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51RD2-RLVIL ATMEL-T89C51RD2-RLVIL Datasheet
1Mb / 104P
   0 to 40 MHz Flash Programmable 8-bit Microcontroller
T89C51RD2-RLVIM ATMEL-T89C51RD2-RLVIM Datasheet
1Mb / 104P
   0 to 40 MHz Flash Programmable 8-bit Microcontroller
More results


Similar Description - T89C51RD2-RLVI-M

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51RD2 ATMEL-T89C51RD2_03 Datasheet
1Mb / 104P
   0 to 40 MHz Flash Programmable 8-bit Microcontroller
logo
TEMIC Semiconductors
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TSC87C52 TEMIC-TSC87C52 Datasheet
184Kb / 24P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
logo
ATMEL Corporation
ATMEGA329 ATMEL-ATMEGA329_07 Datasheet
6Mb / 392P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA329V_0611 ATMEL-ATMEGA329V_0611 Datasheet
3Mb / 375P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325 ATMEL-ATMEGA325_07 Datasheet
780Kb / 29P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA329_071 ATMEL-ATMEGA329_071 Datasheet
783Kb / 29P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325_0611 ATMEL-ATMEGA325_0611 Datasheet
3Mb / 353P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325 ATMEL-ATMEGA325 Datasheet
2Mb / 347P
   8-bit Microcontroller with In-System Programmable Flash
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com