Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTV-827M Datasheet (PDF) - Lite-On Technology Corporation

LTV-827M Datasheet PDF - Lite-On Technology Corporation
Part # LTV-827M
Download  LTV-827M Download

File Size   600.39 Kbytes
Page   15 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description LITE-ON TECHNOLOGY CORPORATION Property of LITE-ON Only

LTV-827M Datasheet (PDF)

Go To PDF Page Download Datasheet
LTV-827M Datasheet PDF - Lite-On Technology Corporation

Part # LTV-827M
Download  LTV-827M Click to download

File Size   600.39 Kbytes
Page   15 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description LITE-ON TECHNOLOGY CORPORATION Property of LITE-ON Only

LTV-827M Datasheet (HTML) - Lite-On Technology Corporation

Back Button LTV-827M Datasheet HTML 1Page - Lite-On Technology Corporation LTV-827M Datasheet HTML 2Page - Lite-On Technology Corporation LTV-827M Datasheet HTML 3Page - Lite-On Technology Corporation LTV-827M Datasheet HTML 4Page - Lite-On Technology Corporation LTV-827M Datasheet HTML 5Page - Lite-On Technology Corporation LTV-827M Datasheet HTML 6Page - Lite-On Technology Corporation LTV-827M Datasheet HTML 7Page - Lite-On Technology Corporation LTV-827M Datasheet HTML 8Page - Lite-On Technology Corporation LTV-827M Datasheet HTML 9Page - Lite-On Technology Corporation LTV-827M Datasheet HTML 10Page - Lite-On Technology Corporation Next Button 

LTV-827M Product details

Applications
1. Computer terminals.
2. System appliances, measuring instruments.
3. Registers, copiers, automatic vending machines.
4. Electric home appliances such as fan heaters, etc.
5. Signal transmission between circuits of different potentials and impedances.

Features
Current transfer ratio
(CTR : MIN. 50% at IF=5mA, VCE=5V)
High input-output isolation voltage:
(VISO : 5,000Vrms)
Compact dual-in-line package
LTV-817 : 1-channel type
LTV-827 : 2-channel type
LTV-847 : 4-channel type

Options available :
-Leads with 0.4"(10.16mm)spacing (M Type)
-Leads bends for surface mounting(S Type)
-Tape and Reel of Type I for SMD(Add"-TA"Suffix)
-Tape and Reel of Type II for SMD(Add"-TA1"Suffix)
-VDE 0884 approvals (Add"-V"Suffix)




Similar Part No. - LTV-827M

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTV-827M LITEON-LTV-827M Datasheet
560Kb / 14P
   Property of Lite-On Only
logo
Shenzhen Tenand Technol...
LTV-827M TENAND-LTV-827M Datasheet
635Kb / 15P
   Property of LITE-ON Only
LTV-827M TENAND-LTV-827M Datasheet
1Mb / 5P
   High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV-827M LITEON-LTV-827M Datasheet
698Kb / 5P
   High Density Mounting Type Photocoupler
More results


Similar Description - LTV-827M

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com