Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM340T-5 Datasheet (PDF) - Texas Instruments

LM340T-5 Datasheet PDF - Texas Instruments
Part # LM340T-5
Download  LM340T-5 Download

File Size   3065.18 Kbytes
Page   28 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description LM340-N/LM78XX Series 3-Terminal Positive Regulators

LM340T-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM340T-5 Datasheet PDF - Texas Instruments

Part # LM340T-5
Download  LM340T-5 Click to download

File Size   3065.18 Kbytes
Page   28 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description LM340-N/LM78XX Series 3-Terminal Positive Regulators

LM340T-5 Datasheet (HTML) - Texas Instruments

Back Button LM340T-5 Datasheet HTML 1Page - Texas Instruments LM340T-5 Datasheet HTML 2Page - Texas Instruments LM340T-5 Datasheet HTML 3Page - Texas Instruments LM340T-5 Datasheet HTML 4Page - Texas Instruments LM340T-5 Datasheet HTML 5Page - Texas Instruments LM340T-5 Datasheet HTML 6Page - Texas Instruments LM340T-5 Datasheet HTML 7Page - Texas Instruments LM340T-5 Datasheet HTML 8Page - Texas Instruments LM340T-5 Datasheet HTML 9Page - Texas Instruments LM340T-5 Datasheet HTML 10Page - Texas Instruments Next Button 

LM340T-5 Product details

FEATURES
• Complete Specifications at 1A Load
• Output Voltage Tolerances of ±2% at T₁ = 25°C
and ±4% Over the Temperature Range
(LM340A)
• Line Regulation of 0.01% of VOUT/V of AVIN at
1A Load (LM340A)
•Load Regulation of 0.3% of VouT/A (LM340A)
•Internal Thermal Overload Protection
• Internal Short-circuit Current Limit
• Output Transistor Safe Area Protection
•P* Product Enhancement Tested




Similar Part No. - LM340T-5

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM340T-5 MOTOROLA-LM340T-5 Datasheet
278Kb / 16P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
Texas Instruments
LM340T-5.0 TI1-LM340T-5.0 Datasheet
3Mb / 33P
[Old version datasheet]   1.5-A Fixed Voltage Regulators
logo
Motorola, Inc
LM340T-5.0 MOTOROLA-LM340T-5.0 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
LM340T-5.0 ONSEMI-LM340T-5.0 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
1996 Rev 1
logo
National Semiconductor ...
LM340T-5.0 NSC-LM340T-5.0 Datasheet
512Kb / 15P
   Series 3-Terminal Positive Regulators
More results


Similar Description - LM340T-5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM340T-5.0 TI-LM340T-5.0 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM140K-15 TI1-LM140K-15 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340T-12 TI-LM340T-12 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340S-12 TI-LM340S-12 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM7812CT TI1-LM7812CT Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340K-5-0 TI1-LM340K-5-0 Datasheet
3Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340-N TI1-LM340-N Datasheet
963Kb / 19P
[Old version datasheet]   LM340/LM78XX Series 3-Terminal Positive Regulators
logo
National Semiconductor ...
LM7800C NSC-LM7800C Datasheet
512Kb / 15P
   Series 3-Terminal Positive Regulators
LM140L NSC-LM140L Datasheet
143Kb / 6P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG Datasheet
202Kb / 7P
   3-Terminal Positive Regulators
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com