Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB0411A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TB0411A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TB0411A
Download  TB0411A Download

File Size   234.22 Kbytes
Page   6 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description 48MHz IF SAW Filter (BW=9 MHz)

TB0411A Datasheet (PDF)

Go To PDF Page Download Datasheet
TB0411A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0411A
Download  TB0411A Click to download

File Size   234.22 Kbytes
Page   6 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description 48MHz IF SAW Filter (BW=9 MHz)

TB0411A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.

TB0411A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0411A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0411A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0411A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0411A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB0411A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.



Similar Part No. - TB0411A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB0411A GOLLEDGE-TB0411A Datasheet
104Kb / 5P
   SAW Filter 48.0MHz
More results


Similar Description - TB0411A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0412A TAI-SAW-TB0412A Datasheet
240Kb / 6P
   48MHz IF SAW Filter (BW=3.125 MHz)
TB0561A TAI-SAW-TB0561A Datasheet
288Kb / 6P
   480MHz IF SAW Filter (BW=9 MHz)
TB0560A TAI-SAW-TB0560A Datasheet
313Kb / 7P
   325MHz IF SAW Filter (BW=9 MHz)
logo
Golledge Electronics Lt...
MA05392 GOLLEDGE-MA05392 Datasheet
98Kb / 3P
   IF SAW Filter Low-Loss 70MHz (BW=9 MHz)
logo
TAI-SAW TECHNOLOGY CO.,...
TB0213A TAI-SAW-TB0213A Datasheet
434Kb / 5P
   Low-Loss 70MHz IF SAW Filter (BW=9 MHz)
TB1344A TAI-SAW-TB1344A Datasheet
442Kb / 8P
   149.64MHz 48MHz BW SMD 3.8 x 3.8 mm SAW IF Filter
TB1208A TAI-SAW-TB1208A Datasheet
201Kb / 8P
   149.64MHz 48MHz BW SMD 5.0 x 5.0 mm SAW IF Filter
TB0362A TAI-SAW-TB0362A Datasheet
236Kb / 7P
   44MHz IF SAW Filter (BW=1.7 MHz)
TB0364A TAI-SAW-TB0364A Datasheet
237Kb / 7P
   44MHz IF SAW Filter (BW=6.5 MHz)
TB0589A TAI-SAW-TB0589A Datasheet
236Kb / 5P
   288MHz IF SAW Filter (BW=20 MHz)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com