Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF24G Datasheet (PDF) - Leshan Radio Company

SF24G Datasheet PDF - Leshan Radio Company
Part # SF24G
Download  SF24G Download

File Size   261.55 Kbytes
Page   7 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Glass Passivated Junction Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A

SF24G Datasheet (PDF)

Go To PDF Page Download Datasheet
SF24G Datasheet PDF - Leshan Radio Company

Part # SF24G
Download  SF24G Click to download

File Size   261.55 Kbytes
Page   7 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Glass Passivated Junction Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A

SF24G Datasheet (HTML) - Leshan Radio Company

SF24G Datasheet HTML 1Page - Leshan Radio Company SF24G Datasheet HTML 2Page - Leshan Radio Company SF24G Datasheet HTML 3Page - Leshan Radio Company SF24G Datasheet HTML 4Page - Leshan Radio Company SF24G Datasheet HTML 5Page - Leshan Radio Company SF24G Datasheet HTML 6Page - Leshan Radio Company SF24G Datasheet HTML 7Page - Leshan Radio Company

SF24G Product details

Reverse Voltage 50 to 600V Forward Current 2.0A

FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-0
* Ideally suited for use in very high frequency switching power supplies,inverters and as free wheeling diodes
* Cavity-free glass passivated junction
* Ultrafast recovery time for high efficiency
* Soft recovery characteristics
* Excellent high temperature switching
* High temperature soldering guaranteed: 260°C/10 seconds




Similar Part No. - SF24G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SF24G JGD-SF24G Datasheet
162Kb / 2P
   2.0 AMPS. GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
Cystech Electonics Corp...
SF24G CYSTEKEC-SF24G Datasheet
241Kb / 3P
   2.0Amp. Glass Passivated Super Fast Rectifiers
logo
Guangdong Juxing Electr...
SF24G JUXING-SF24G Datasheet
788Kb / 2P
   Superfast Recovery Rectitiers
logo
Taiwan Semiconductor Co...
SF24G TSC-SF24G Datasheet
68Kb / 2P
   2.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
SeCoS Halbleitertechnol...
SF24G SECOS-SF24G Datasheet
71Kb / 2P
   2 A, Glass Passivated Super Fast Rectifiers
More results


Similar Description - SF24G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LUMBF205 LRC-LUMBF205 Datasheet
224Kb / 9P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
LUMBF260 LRC-LUMBF260 Datasheet
224Kb / 9P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
LUR260 LRC-LUR260 Datasheet
283Kb / 7P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
LUMB205 LRC-LUMB205 Datasheet
308Kb / 9P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
SF11G LRC-SF11G Datasheet
241Kb / 7P
   Glass Passivated Junction Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
EFMAF210 LRC-EFMAF210 Datasheet
242Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
EFMAF280 LRC-EFMAF280 Datasheet
242Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
EFMBF201 LRC-EFMBF201 Datasheet
243Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
EFM201 LRC-EFM201 Datasheet
187Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
EFMA210 LRC-EFMA210 Datasheet
220Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com