Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAJ19 Datasheet (PDF) - Socay Electornics Co., Ltd.

SMAJ19 Datasheet PDF - Socay Electornics Co., Ltd.
Part # SMAJ19
Download  SMAJ19 Download

File Size   621.48 Kbytes
Page   7 Pages
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.
Description Surface Mount Transient Voltage Suppressors (TVS)

SMAJ19 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMAJ19 Datasheet PDF - Socay Electornics Co., Ltd.

Part # SMAJ19
Download  SMAJ19 Click to download

File Size   621.48 Kbytes
Page   7 Pages
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.
Description Surface Mount Transient Voltage Suppressors (TVS)

SMAJ19 Datasheet (HTML) - Socay Electornics Co., Ltd.

SMAJ19 Datasheet HTML 1Page - Socay Electornics Co., Ltd. SMAJ19 Datasheet HTML 2Page - Socay Electornics Co., Ltd. SMAJ19 Datasheet HTML 3Page - Socay Electornics Co., Ltd. SMAJ19 Datasheet HTML 4Page - Socay Electornics Co., Ltd. SMAJ19 Datasheet HTML 5Page - Socay Electornics Co., Ltd. SMAJ19 Datasheet HTML 6Page - Socay Electornics Co., Ltd. SMAJ19 Datasheet HTML 7Page - Socay Electornics Co., Ltd.

SMAJ19 Product details

Description
The SMAJ series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events.

Features
✦ For surface mounted applications in order to optimize board space
✦ Low leakage
✦ Uni and Bidirectional unit
✦ Glass passivated junction
✦ Low inductance
✦ Excellent clamping capability
✦ 400W Peak power capability at 10 × 1000µs waveform Repetition rate
   (duty cycle):0.01%
✦ Fast response time: typically less than 1.0ps from 0 Volts to VBR min
✦ Typical IR less than 5μA above 12V
✦ High Temperature soldering: 260°C/40 seconds at terminals
✦ Typical maximum temperature coefficient ΔVBR = 0.1% ×
   VBR@25°C× ΔT
✦ Plastic package has Underwriters Laboratory Flammability 94V-0
✦ Matte tin lead–free Plated
✦ Halogen free and RoHS compliant
✦ Typical failure mode is short from over-specified voltage or current
✦ Whisker test is conducted based on JEDEC JESD201A per its table
   4a and 4c
✦ IEC-61000-4-2 ESD 15kV(Air), 8kV (Contact)
✦ ESD protection of data lines in accordance with IEC 61000-4-2
   (IEC801-2)
✦ EFT protection of data lines in accordance with IEC 61000-4-4
   (IEC801-4)

Applications
   TVS devices are ideal for the protection of I/O interfaces,
   VCC bus and other vulnerable circuits used in Telecom,
   Computer, Industrial and Consumer electronic applications.




Similar Part No. - SMAJ19

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMAJ19 SOCAY-SMAJ19 Datasheet
627Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ19 SOCAY-SMAJ19 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Yangzhou yangjie electr...
SMAJ19 YANGJIE-SMAJ19 Datasheet
183Kb / 7P
   Surface Mount Transient Voltage Suppressor Diodes
logo
Socay Electornics Co., ...
SMAJ19 SOCAY-SMAJ19 Datasheet
627Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ19 SOCAY-SMAJ19 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results


Similar Description - SMAJ19

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMBJ60A SOCAY-SMBJ60A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ64CA SOCAY-SMBJ64CA Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ75 SOCAY-SMBJ75 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ78A SOCAY-SMBJ78A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80 SOCAY-SMBJ80 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80C SOCAY-SMBJ80C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ85 SOCAY-SMBJ85 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ90 SOCAY-SMBJ90 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.0 SOCAY-SMAJ6.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.5CA SOCAY-SMAJ6.5CA Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ7.0 SOCAY-SMAJ7.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com