Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIP127 Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TIP127 Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TIP127
Download  TIP127 Download

File Size   510.76 Kbytes
Page   5 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description Monolithic Construction With Built In Base-Emitter Shunt Resistors

TIP127 Datasheet (PDF)

Go To PDF Page Download Datasheet
TIP127 Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TIP127
Download  TIP127 Click to download

File Size   510.76 Kbytes
Page   5 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description Monolithic Construction With Built In Base-Emitter Shunt Resistors

TIP127 Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.

TIP127 Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TIP127 Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TIP127 Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TIP127 Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TIP127 Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.

TIP127 Product details

Monolithic Construction With Built In
Base-Emitter Shunt Resistors

- High DC Current Gain : hFE=1000 @ VCE= -4V, IC= -3A (Min.)
- Collector-Emitter Sustaining Voltage
- Low Collector-Emitter Saturation Voltage
- Industrial Use
- Complementary to TIP120/121/122




Similar Part No. - TIP127

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP127 MOSPEC-TIP127 Datasheet
206Kb / 4P
   POWER TRANSISTORS(5.0A,60-100V,65W)
logo
Savantic, Inc.
TIP127 SAVANTIC-TIP127 Datasheet
134Kb / 4P
   Silicon PNP Darlington Power Transistors
logo
Diotec Semiconductor
TIP127 DIOTEC-TIP127 Datasheet
110Kb / 2P
   Si-Epitaxial Planar Darlington Power Transistors
logo
Shenzhen Tuofeng Semico...
TIP127 TUOFENG-TIP127 Datasheet
4Mb / 2P
   PNP Darlington Transistors
logo
Weitron Technology
TIP127 WEITRON-TIP127 Datasheet
768Kb / 3P
   PNP/NPN Silicon Power Transistor
More results


Similar Description - TIP127

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TIP105 FAIRCHILD-TIP105 Datasheet
50Kb / 4P
   Monolithic Construction With Built In Base- Emitter Shunt Resistors
logo
SemiHow Co.,Ltd.
TIP100 SEMIHOW-TIP100 Datasheet
744Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
TIP125 SEMIHOW-TIP125 Datasheet
510Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
logo
Fairchild Semiconductor
FJPF9020TU FAIRCHILD-FJPF9020TU Datasheet
68Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
logo
SemiHow Co.,Ltd.
TIP106 SEMIHOW-TIP106_10 Datasheet
750Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
logo
TAI-SAW TECHNOLOGY CO.,...
TIP140T TAI-SAW-TIP140T_11 Datasheet
574Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
logo
Fairchild Semiconductor
TIP140 FAIRCHILD-TIP140 Datasheet
52Kb / 4P
   Monolithic Construction With Built In Base- Emitter Shunt Resistors
TIP141T FAIRCHILD-TIP141T Datasheet
52Kb / 4P
   Monolithic Construction With Built In Base- Emitter Shunt Resistors
logo
TAI-SAW TECHNOLOGY CO.,...
TIP145T TAI-SAW-TIP145T Datasheet
536Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
logo
SemiHow Co.,Ltd.
TIP120 SEMIHOW-TIP120 Datasheet
501Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
TIP140T SEMIHOW-TIP140T Datasheet
571Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com