Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA10 Datasheet (PDF) - Bytes

SA10 Datasheet PDF - Bytes
Part # SA10
Download  SA10 Download

File Size   313.64 Kbytes
Page   4 Pages
Manufacturer  BYTES [Bytes]
Direct Link  
Logo BYTES - Bytes
Description 500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS

SA10 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA10 Datasheet PDF - Bytes

Part # SA10
Download  SA10 Click to download

File Size   313.64 Kbytes
Page   4 Pages
Manufacturer  BYTES [Bytes]
Direct Link  
Logo BYTES - Bytes
Description 500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS

SA10 Datasheet (HTML) - Bytes

SA10 Datasheet HTML 1Page - Bytes SA10 Datasheet HTML 2Page - Bytes SA10 Datasheet HTML 3Page - Bytes SA10 Datasheet HTML 4Page - Bytes

SA10 Product details

FEATURES
* 500 Watts Surge Capability at 1ms
* Excellent clamping capability
* Low zener impedance
* Fast response time: Typically less than 1.0ps from 0 volt to BV min.
* Typical IR less than 1mA above 10V
* High temperature soldering guaranteed: 260 °C / 10 seconds / .375"(9.5mm) lead length, 5lbs.(2.3kg) tension




Similar Part No. - SA10

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
SA10 CHONGQING-SA10 Datasheet
226Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SA10 PANJIT-SA10 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
DAESAN ELECTRONIC CORP.
SA10 DAESAN-SA10 Datasheet
1Mb / 6P
   POWER 500Watts VOLTAGE 5.0 to 170 Volts
logo
Shenzhen Luguang Electr...
SA10 LUGUANG-SA10 Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
logo
Shanghai Semitech Semic...
SA10 SEMITECH-SA10 Datasheet
244Kb / 6P
   Uni-directional Versions Available
More results


Similar Description - SA10

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
SA GWSEMI-SA Datasheet
184Kb / 4P
   500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
UNIOHM CORPORATION
SA5.0 UNIOHM-SA5.0 Datasheet
91Kb / 4P
   500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
ON Semiconductor
SA5.0CA ONSEMI-SA5.0CA Datasheet
186Kb / 5P
   500 Watt Peak Power Zener Transient Voltage Suppressors
August, 2006 ??Rev. 4
logo
Littelfuse
NS6A5.0AFT3G LITTELFUSE-NS6A5.0AFT3G Datasheet
229Kb / 5P
   500 Watt Peak Power Zener Transient Voltage Suppressors
logo
ON Semiconductor
SA50A ONSEMI-SA50A Datasheet
58Kb / 6P
   500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
May, 2006 ??Rev. 11
SA16ARLG ONSEMI-SA16ARLG Datasheet
117Kb / 5P
   500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
October, 2009 ??Rev. 13
SA16ARLG ONSEMI-SA16ARLG Datasheet
122Kb / 5P
   500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
October, 2009 ??Rev. 13
SA5.0A ONSEMI-SA5.0A Datasheet
117Kb / 5P
   500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
October, 2009 ??Rev. 13
SA5-0A ONSEMI-SA5-0A Datasheet
50Kb / 8P
   500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
June, 2002 ??Rev. 7
SA50ARLG ONSEMI-SA50ARLG Datasheet
117Kb / 5P
   500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
October, 2009 ??Rev. 13
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com